Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAH16030 Datasheet(PDF) 1 Page - Powerbox

Part # MAH16030
Description  17-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAH16030 Datasheet(HTML) 1 Page - Powerbox

  MAH16030 Datasheet HTML 1Page - Powerbox MAH16030 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
170
MAH 16 Series
17-30
W A T T S
SINGLE
&
MUL TI
OUTPUT
DC/DC
INDUSTRIAL
Features
2:1 Input range
Efficiency to 85 %
300 kHz switching frequency
Remote ON/OFF control
Six sided shield
Specifications
INPUT
Nominal voltage
12V, 24V, 48V.
Voltage range
9-18V, 18-36V, 36-72V.
Isolation
500VDC.
Filter
PI-type
OUTPUT
Power
17W, 25W, 30W.
Regulation
Line:Single/Dual ±0.5% max
Triple ±1.0% max
Load transient response
<480µs.
Setting accuracy
Single: ±2.0 max
Dual: ±2.0% & ±3%
Triple:±2% & ±5% max
Ripple and noise
Max. 75 mVp-p.
Short circuit protection
Fold-back. Approx 80% of output current at
short circuit.
Temp coefficient
±0.02 %/°C.
Efficiency
75% to 85%.
ENVIRONMENTAL
Operating temperature
–25°C to +71°C.
Storage temperature
–55°C to +105°C.
Cooling
Convection.
GENERAL
MTTF
200 000 hours at 25°C ambient.
Switching frequency
Min. 300 kHz.
Equivalent capacitance
1400 pF.
Case
Black coated copper with non-conductive
base.
Dimensions (H x W x L)
10.2 x 50.8 x 50.8 mm.
Weight
65g.
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
Technical Illustration


Similar Part No. - MAH16030

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MAH16FAA MTRONPTI-MAH16FAA Datasheet
222Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
MAH16FAA MTRONPTI-MAH16FAA Datasheet
195Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
MAH16FAA-R MTRONPTI-MAH16FAA-R Datasheet
195Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
MAH16FAA-R MTRONPTI-MAH16FAA-R Datasheet
268Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
MAH16FAD MTRONPTI-MAH16FAD Datasheet
195Kb / 1P
   8 pin DIP, 5.0 or 3.3 Volt, ACMOS/TTL, Clock Oscillators
More results

Similar Description - MAH16030

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAH35 POWERBOX-MAH35 Datasheet
519Kb / 2P
   25-30 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAH36 POWERBOX-MAH36 Datasheet
519Kb / 2P
   25 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
SFS10481R2 POWERBOX-SFS10481R2 Datasheet
523Kb / 2P
   10 - 30 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
logo
Integrated Power Design...
DC2-110 IPDPOWER-DC2-110 Datasheet
399Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-110 IPDPOWER-DC4-110 Datasheet
390Kb / 2P
   110 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. W 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC1-80 IPDPOWER-DC1-80 Datasheet
418Kb / 2P
   80 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. C 10/06/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
   150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-185 IPDPOWER-DC4-185 Datasheet
404Kb / 2P
   185 WATTS SINGLE/MULTI OUTPUT DC-DC
Rev. W 10/06/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com