Electronic Components Datasheet Search |
|
MAH16015 Datasheet(PDF) 1 Page - Powerbox |
|
MAH16015 Datasheet(HTML) 1 Page - Powerbox |
1 / 2 page 170 MAH 16 Series 17-30 W A T T S SINGLE & MUL TI OUTPUT DC/DC INDUSTRIAL Features • 2:1 Input range • Efficiency to 85 % • 300 kHz switching frequency • Remote ON/OFF control • Six sided shield Specifications INPUT Nominal voltage 12V, 24V, 48V. Voltage range 9-18V, 18-36V, 36-72V. Isolation 500VDC. Filter PI-type OUTPUT Power 17W, 25W, 30W. Regulation Line:Single/Dual ±0.5% max Triple ±1.0% max Load transient response <480µs. Setting accuracy Single: ±2.0 max Dual: ±2.0% & ±3% Triple:±2% & ±5% max Ripple and noise Max. 75 mVp-p. Short circuit protection Fold-back. Approx 80% of output current at short circuit. Temp coefficient ±0.02 %/°C. Efficiency 75% to 85%. ENVIRONMENTAL Operating temperature –25°C to +71°C. Storage temperature –55°C to +105°C. Cooling Convection. GENERAL MTTF 200 000 hours at 25°C ambient. Switching frequency Min. 300 kHz. Equivalent capacitance 1400 pF. Case Black coated copper with non-conductive base. Dimensions (H x W x L) 10.2 x 50.8 x 50.8 mm. Weight 65g. STANDARDS C-Tick AS/NZS CISPR11 Group 1 Class A Technical Illustration |
Similar Part No. - MAH16015 |
|
Similar Description - MAH16015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |