Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAE32-027 Datasheet(PDF) 1 Page - Powerbox

Part # MAE32-027
Description  15 WATTS SINGLE & DUAL & TRIPLE OUTPUT DC/DC INDUSTRIAL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

MAE32-027 Datasheet(HTML) 1 Page - Powerbox

  MAE32-027 Datasheet HTML 1Page - Powerbox MAE32-027 Datasheet HTML 2Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
180
MAE 32 Series
15
W A TTS
SINGLE
&
DUAL & TRIPLE OUTPUT DC/DC
INDUSTRIAL
Features
2:1 Input range
Efficiency to 84%
200 kHz switching frequency
Remote ON/OFF control
500 VDC isolation
Six-sided shield
Specifications
INPUT
Nominal voltage
12V, 24V, 48V.
Voltage range
9-18V, 18-36V, 36-72V.
Filter
PI-type
OUTPUT
Power
15W.
Line regulation
Single, dual ±0.2%, triple ±1%
Load regulation
Single, dual ±1.0%, triple ±5%.
25% min load is required to meet
specification.
Load transient
Response <480µs.
Setting accuracy
Single: ±1%.
Dual +output±1%, -output ±3%
triple: 5V ±2%, 12/15V ±3%
Ripple and noise Max
75 mVp-p.
Short circuit protection
Fold-back. Approx 80% of output current
at short circuit.
Temp coefficient
±0.02 %/°C.
ENVIRONMENTAL
Ambient temperature
-25°C to +71°C.
Storage temperature
-55°C to +105°C.
Cooling
Convection.
OPERATING
Efficiency
77% to 84%.
MTBF
200 000 hours at 25°C ambient.
Switching frequency
Min. 200 kHz.
Equivalent capacitance
1000 pF.
Isolation
500VDC.
STANDARDS AND APPROVALS
C-Tick
AS/NZS CISPR11 Group 1 Class A
MECHANICAL
Case
Black coated copper with non-conductive base.
Dimensions
(H x W x L) 21.1 x 65.0 x 76.2 mm.
Weight
180g.
Technical Illustration


Similar Part No. - MAE32-027

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAE34003 POWERBOX-MAE34003 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAE34006 POWERBOX-MAE34006 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAE34009 POWERBOX-MAE34009 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAE34012 POWERBOX-MAE34012 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAE32-027

ManufacturerPart #DatasheetDescription
logo
Powerbox
MAE25 POWERBOX-MAE25 Datasheet
508Kb / 2P
   15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE15 POWERBOX-MAE15 Datasheet
558Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE13 POWERBOX-MAE13 Datasheet
580Kb / 2P
   10-15 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAE34 POWERBOX-MAE34 Datasheet
488Kb / 2P
   15 WATTS SINGLE & MULTI OUTPUT DC/DC INDUSTRIAL
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
   3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAD26 POWERBOX-MAD26 Datasheet
529Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
F01 POWERBOX-F01 Datasheet
493Kb / 2P
   10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAA02 POWERBOX-MAA02 Datasheet
532Kb / 2P
   1.5 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
PBJE45-10 POWERBOX-PBJE45-10 Datasheet
721Kb / 4P
   45-100 WATTS DC/DC SINGLE DUAL & TRIPLE OUTPUT
PBBA-0505A POWERBOX-PBBA-0505A Datasheet
161Kb / 6P
   1.5-10 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com