Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN1TN3 Datasheet(PDF) 1 Page - Powerbox

Part # EN1TN3
Description  AC INPUT MODULAR FRONT END SYSTEMS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

EN1TN3 Datasheet(HTML) 1 Page - Powerbox

  EN1TN3 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Your dependable power partner – www.powerbox.com.au
251
EN Mods
AC
INPUT
MODULAR
FRONT
END
SYSTEMS
Features
Harmonics current attenuation to EN61000-3-2
EMI filtering to EN 55022, Level B
Transient immunity to EN61000-4-5
600W power processing
Autoranging 115/230VAC input
Microprocessor control
Inrush current limiting
Product Information
The ENMods system is a new solution for compliance to EN harmonic
current, EMI, and transient immunity standards. It consists of a passive
harmonic current attenuation module — the MiniHAM — and an auto
ranging AC-DC front-end module — the FARM3. Combined with filtering
and hold-up components as specified herein, the ENMods system provides
full compliance to:
EN61000-3-2 Harmonic Current Content Limits
EN55022, Level B conductional environmental limits
EN61000-4-5 Input Surge Immunity
EN61000-4-11 Line Disturbances
The MiniHAM is the first passive product specifically designed for
compliance to harmonic current limits. Unlike active PFC solutions, the
MiniHAM generates no EMI, greatly simplifying and reducing system noise
filtering requirements. It is also considerably smaller and more efficient
than active alternatives and improves MTBF by an order of magnitude.
Uniquely intended to operate on the DC bus provided by the FARM3 rather
than directly on the AC line, it will provide harmonic current compliance at
230Vac input at up to 600W of input power. The 115/230Vac input FARM3
is a new member of Vicor’s Filter and Autoranging Module product line that
has been optimized for use as the front-end for the MiniHAM. Both
modules are in Vicor’s standard Mini half-brick package. Together with
Vicor’s 1st or 2nd Generation 300V input DC-DC converters, they form the
basis of a low noise, high efficiency, rugged, simple and reliable EN
compliant power system.
General Specifications
Safety approval
UL60950, CSA60950, TUV, VDE,
EN60950, CE Marked
Dielectric withstand (I/O to
base plate)
1500VRMS
Leakage current
2.5mA max @ 264VAC
Weight
88g (FARM3), 145g (Mini HAM)
Size
57.9x55.9x12.7mm
STANDARDS
C-Tick
AS/NZS CISPR11 Group 1 Class A
EN1
C 2
1
Product
Product Grade
C = 20oC to +100oC
T = -40oC to +100oC
H = -40oC to +100oC
Pin Style
1 = Short
2 = Long
F = Short Rohs
G = Long Rohs
S = Short ModuMate
N = Long ModuMate
Baseplate
1 = Slotted
2 = Threaded
3 = Thru-hole
Note: EN1 Product includes one each MiniHAM and FARM3 with same
product grade, pin and base plate style.
Part Numbering


Similar Part No. - EN1TN3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
EN1TN3 VICOR-EN1TN3 Datasheet
347Kb / 12P
   ENMods Component Power Front End System for EN Compliance
EN1TN3 VICOR-EN1TN3 Datasheet
1Mb / 13P
   Component Power Front-end System for EN Compliance
EN1TN3 VICOR-EN1TN3 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
EN1TN3 VICOR-EN1TN3 Datasheet
879Kb / 13P
   Component Power Front-end System for EN Compliance
More results

Similar Description - EN1TN3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
GP-MPFC1H21 VICOR-GP-MPFC1H21 Datasheet
390Kb / 9P
   AC Input Front End Module
MI-AIM VICOR-MI-AIM Datasheet
154Kb / 5P
   AC Input Front End Module
VI-AIM VICOR-VI-AIM Datasheet
51Kb / 2P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1_17 Datasheet
164Kb / 4P
   Universal AC Input Front End Module
VI-AIM-E1 VICOR-VI-AIM-E1 Datasheet
84Kb / 2P
   VI-AIM (Universal AC Input Front End Module)
logo
TDK Electronics
FPS1000-12 TDK-FPS1000-12 Datasheet
999Kb / 6P
   AC/DC Front End
logo
Vicor Corporation
FE175D480M033FP-CB VICOR-FE175D480M033FP-CB Datasheet
3Mb / 20P
   VI Brick짰 AC Front End
IFE5C02 VICOR-IFE5C02 Datasheet
293Kb / 7P
   IFE International AC Front End
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
   Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com