Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3689 Datasheet(PDF) 1 Page - Powerbox

Part # C3689
Description  1700 WATTS (AC) DC/D CSINGLE OUTPUT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

C3689 Datasheet(HTML) 1 Page - Powerbox

  C3689 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
434
C3600 Series
1700
W A TTS
(AC)
DC/DC
SINGLE
OUTPUT
Features
Single Output
6U x 42TE x 226mm
Weight: 10kg
INPUT VDC
OUTPUT VDC
18-32
OUTPUT
AMPS
36-75
45-90
80-160
160-320
320-3801)
(1)
320-640
(3)
450-8002)
(3)
OUTPUT
AMPS
MIN.
MAX.
C 3620(2,3)
180
C 3630
C 3640
C 3650
C 3670
C 3680 Z
C 3670G
C 3670K
200 (2,3)
4,5
5,5
C 3621
120
C 3631
C 3641
C 3651
C 3671
C 3681 Z
C 3671G
C 3671K
130
8
10
C 3622
100
C 3632
C 3642
C 3652
C 3672
C 3682 Z
C 3672G
C 3672K
115
11
13
C 3623
80
C 3633
C 3643
C 3653
C 3673
C 3683 Z
C 3673G
C 3673K
90
14
16
C 3624
55
C 3634
C 3644
C 3654
C 3674
C 3684 Z
C 3674G
C 3674K
65
23
26
C 3625
48
C 3635
C 3645
C 3655
C 3675
C 3685 Z
C 3675G
C 3675K
55
26
30
C 3626
21
C 3636
C 3646
C 3656
C 3676
C 3686 Z
C 3676G
C 3676K
25
58
68
C 3627
11
C 3637
C 3647
C 3657
C 3677
C 3687 Z
C 3677G
C 3677K
14
100
130
C 3628
5,5
C 3638
C 3648
C 3658
C 3678
C 3688 Z
C 3678G
C 3678K
7
200
250
C 3629
26
C 3639
C 3649
C 3659
C 3679
C 3689 Z
C 3679G
C 3679K
30
45
55
INPUT VAC
OUTPUT VDC
185-264 93-138
185-264
3x400
(320-460)
3x480
(400-530)
OUTPUT
AMPS
MIN. MAX.
C 3680
C 3690
C 3680 V
C 3690 V
200(2,3)
4,5
5,5
C 3681
C 3691
C 3681 V
C 3691 V
130
8
10
C 3682
C 3692
C 3682 V
C 3692 V
115
11
13
C 3683
C 3693
C 3683 V
C 3693 V
90
14
16
C 3684
C 3694
C 3684 V
C 3694 V
65
23
26
C 3685
C 3695
C 3685 V
C 3695 V
55
26
30
C 3686
C 3696
C 3686 V
C 3696 V
25
58
68
C 3687
C 3697
C 3687 V
C 3697 V
14
100
130
C 3688
C 3698
C 3688 V
C 3698 V
7
200
250
C 3689
C 3699
C 3689 V
C 3699 V
30
45
55
Technical Illustrations
C3600
Note:
1) Input by external PFC module also suitable
2) External fan recommended
3) Suited for wall-mount, alternatives upon request


Similar Part No. - C3689

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
C368 SANYO-C368 Datasheet
80Kb / 3P
   Very High-Definition CRT Display Horizontal Deflection Output??????????
logo
Hamamatsu Corporation
C3683-01 HAMAMATSU-C3683-01 Datasheet
124Kb / 2P
   Signal processing circuit for 1-D PSD
C3683-02 HAMAMATSU-C3683-02 Datasheet
547Kb / 5P
   Signal processing circuit for 1-D PSD
More results

Similar Description - C3689

ManufacturerPart #DatasheetDescription
logo
Powerbox
C500 POWERBOX-C500 Datasheet
405Kb / 1P
   250 WATTS (AC) DC/D CSINGLE OUTPUT
C6400 POWERBOX-C6400 Datasheet
370Kb / 1P
   22000 WATTS (AC) DC/D CSINGLE OUTPUT
C3700 POWERBOX-C3700 Datasheet
302Kb / 1P
   1250 WATTS (AC) DC/D CSINGLE OUTPUT
C4700 POWERBOX-C4700 Datasheet
528Kb / 2P
   2500 WATTS (AC) DC/D CSINGLE OUTPUT
C5100 POWERBOX-C5100 Datasheet
880Kb / 2P
   5000 WATTS (AC) DC/D CSINGLE OUTPUT
C600 POWERBOX-C600 Datasheet
501Kb / 1P
   500 WATTS (AC) DC/D CSINGLE OUTPUT
C2600 POWERBOX-C2600 Datasheet
427Kb / 1P
   700/800 WATTS (AC) DC/D CSINGLE OUTPUT
C200 POWERBOX-C200 Datasheet
268Kb / 1P
   50 WATTS (AC) DC/DC SINGLEI OUTPUT
C300 POWERBOX-C300 Datasheet
376Kb / 1P
   150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Integrated Power Design...
NXT-400M-FN IPDPOWER-NXT-400M-FN Datasheet
376Kb / 2P
   400 WATTS MULTI OUTPUT AC-DC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com