Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLM8-350E Datasheet(PDF) 3 Page - Powerbox

Part # DLM8-350E
Description  3000-4000 WATTS PROGRAMMABLE DC SUPPLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

DLM8-350E Datasheet(HTML) 3 Page - Powerbox

  DLM8-350E Datasheet HTML 1Page - Powerbox DLM8-350E Datasheet HTML 2Page - Powerbox DLM8-350E Datasheet HTML 3Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
490
DLM Series
3000-4000 WATTS PROGRAMMABLE DC SUPPLY
INPUT VOLTAGE OPTIONS
M1
400 VAC input (4 kW only)
M2
480 VAC input (4 kW only
REMOTE INTERFACE OPTIONS
M9E
IEEE-488.2 and RS 232 Interfaces
M13
Locking shafts (front panel potentiometers)
M51A
Optically Isolated analog programming
M85
Multichannel Slave Interface
PARALLEL CABLE
5361969-01 Paralleling Cable, one cable per slave unit
RACK SLIDE KIT
105-330-26 Rack slide kit
OPTIONS & ACCESSORIES
J3 PROGRAM AND SENSE
1
Remote Output Enable
14
Remote Shutdown Input (+), Pos or
Neg true logic selection with S1
2
Remote Shutdown Return(-)
15
+5 VDC Auxillary Output
3
Remote OVP Programing Input
16
1 mACurrent Source for OVP
Programming
4
Remote Programming Indicator 17
OVP Status Indicator
5
Operating Mode Indicator
18
Overtemperature Shutdown Indicator
6
Status Indicator Return (-)
19
DC Voltage Monitor Output
7
Current Monitor Output
20
Remote/Local Voltage Control Select
8
N/C
21
1 mA Current Source for Voltage
Programming
9
Voltage Programing Input
22
1 mA Current Source for Current
Programming
10
Current Programing Unit
23
Remote/Local Current Control Select
11
N/C
24
N/C
12
Programming/Monitor Return
25
N/C
13
N/C
Technical Illustration


Similar Part No. - DLM8-350E

ManufacturerPart #DatasheetDescription
logo
Powerbox
DLM8-75 POWERBOX-DLM8-75 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
More results

Similar Description - DLM8-350E

ManufacturerPart #DatasheetDescription
logo
Powerbox
SM3000 POWERBOX-SM3000 Datasheet
113Kb / 2P
   3000 WATTS PROGRAMMABLE DC SUPPLY
DCS8-140E POWERBOX-DCS8-140E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DLM600 POWERBOX-DLM600 Datasheet
169Kb / 3P
   600 WATTS PROGRAMMABLE DC SUPPLY
ES015-10 POWERBOX-ES015-10 Datasheet
111Kb / 2P
   150 WATTS PROGRAMMABLE DC SUPPLY
SM1500 POWERBOX-SM1500 Datasheet
119Kb / 2P
   1500 WATTS PROGRAMMABLE DC SUPPLY
SM6000 POWERBOX-SM6000 Datasheet
121Kb / 2P
   6000 WATTS PROGRAMMABLE DC SUPPLY
SM700 POWERBOX-SM700 Datasheet
150Kb / 2P
   600-700 WATTS PROGRAMMABLE DC SUPPLY
logo
XP Power Limited
HDL3000-SERIES XPPOWER-HDL3000-SERIES Datasheet
962Kb / 6P
   3000 Watts
logo
Astec America, Inc
HPS3KW ASTEC-HPS3KW Datasheet
225Kb / 3P
   3000 Watts
logo
Powerbox
PBSP-740 POWERBOX-PBSP-740 Datasheet
578Kb / 2P
   72VDC, 4000 WATTS RAILWAY DC/AC INVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com