Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG15530-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LG15530-PF
Description  RECTANGLE TYPE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG15530-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LG15530-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG15530-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG15530-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG15530-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG15530-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG15530-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Wavelength (nm)
500
550
0.0
0.5
600
650
Ambient Temperature(
)
Fig.5 Relative Intensity vs. Wavelength
Fig.3 Forward Voltage vs. Temperature
1.0
0
-20
-40
0.8
1.0
0.9
1.1
1.2
0.5
Fig.6 Directive Radiation
0
Ambient Temperature(
)
100
80
60
40
20
-40
-20
0.0
100
60
80
20
40
Fig.4 Relative Intensity vs. Temperature
2.5
1.5
1.0
2.0
3.0
3/5
PART NO.
Page
Fig.1 Forward current vs. Forward Voltage
Forward Voltage(V)
Typical Electro-Optical Characteristics Curve
100
1.0
0.1
2.0
1.0
10
1000
G CHIP
10
Forward Current(mA)
4.0
3.0
5.0
0.0
1.0
1.5
0.5
1.0
2.5
2.0
1000
100
Fig.2 Relative Intensity vs. Forward Current
3.5
3.0
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LG15530-PF


Similar Part No. - LG15530-PF

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LG150Z SEOUL-LG150Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
LG151 SEOUL-LG151 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LG151 SEOUL-LG151 Datasheet
360Kb / 13P
   CYAN LAMP LED
LG151 SEOUL-LG151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LG151 SEOUL-LG151 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
More results

Similar Description - LG15530-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L8G65540-PF LIGITEK-L8G65540-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8G75840 LIGITEK-L8G75840 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y55140-PF LIGITEK-L8Y55140-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
L8Y65540-S6-PF LIGITEK-L8Y65540-S6-PF Datasheet
111Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE5730 LIGITEK-L9SE5730 Datasheet
125Kb / 6P
   RECTANGLE TYPE LED LAMPS
L9SE75640-PF LIGITEK-L9SE75640-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LVA45740-S29-PF LIGITEK-LVA45740-S29-PF Datasheet
145Kb / 6P
   RECTANGLE TYPE LED LAMPS
LEG27492-S27-PF LIGITEK-LEG27492-S27-PF Datasheet
127Kb / 7P
   RECTANGLE TYPE LED LAMPS
LDGL65540-S8 LIGITEK-LDGL65540-S8 Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230 LIGITEK-LG5230 Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
LG5230-PF LIGITEK-LG5230-PF Datasheet
106Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com