Electronic Components Datasheet Search |
|
MPC8543HXAQGA Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MPC8543HXAQGA Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 144 page MPC8548E PowerQUICC™ III Integrated Processor Hardware Specifications, Rev. 6 Freescale Semiconductor 11 Electrical Characteristics 2.1.2 Recommended Operating Conditions Table 2 provides the recommended operating conditions for this device. Note that the values in Table 2 are the recommended and tested operating conditions. Proper device operation outside these conditions is not guaranteed. Storage temperature range TSTG –55 to 150 °C— Notes: 1. Functional and tested operating conditions are given in Table 2. Absolute maximum ratings are stress ratings only, and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device reliability or cause permanent damage to the device. 2. The –0.3 to 2.75 V range is for DDR and –0.3 to 1.98 V range is for DDR2. 3. The 3.63 V maximum is only supported when the port is configured in GMII, MII, RMII, or TBI modes; otherwise the 2.75 V maximum applies. See Section 8.2, “FIFO, GMII, MII, TBI, RGMII, RMII, and RTBI AC Timing Specifications,” for details on the recommended operating conditions per protocol. 4. (M,L,O)VIN may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2. Table 2. Recommended Operating Conditions Characteristic Symbol Recommended Value Unit Notes Core supply voltage VDD 1.1 V ± 55 mV V — PLL supply voltage AVDD 1.1 V ± 55 mV V 1 Core power supply for SerDes transceivers SVDD 1.1 V ± 55 mV V — Pad power supply for SerDes transceivers XVDD 1.1 V ± 55 mV V — DDR and DDR2 DRAM I/O voltage GVDD 2.5 V ± 125 mV 1.8 V ± 90 mV V— Three-speed Ethernet I/O voltage LVDD 3.3 V ± 165 mV 2.5 V ± 125 mV V4 TVDD 3.3 V ± 165 mV 2.5 V ± 125 mV —4 PCI/PCI-X, DUART, system control and power management, I2C, Ethernet MII management, and JTAG I/O voltage OVDD 3.3 V ± 165 mV V 3 Local bus I/O voltage BVDD 3.3 V ± 165 mV 2.5 V ± 125 mV V— Input voltage DDR and DDR2 DRAM signals MVIN GND to GVDD V2 DDR and DDR2 DRAM reference MVREF GND to GVDD/2 V 2 Three-speed Ethernet signals LVIN TVIN GND to LVDD GND to TVDD V4 Local bus signals BVIN GND to BVDD V— PCI, DUART, SYSCLK, system control and power management, I2C, Ethernet MII management, and JTAG signals OVIN GND to OVDD V3 Table 1. Absolute Maximum Ratings 1 (continued) Characteristic Symbol Max Value Unit Notes |
Similar Part No. - MPC8543HXAQGA |
|
Similar Description - MPC8543HXAQGA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |