Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDBF16019A61 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDBF16019A61
Description  SAW FILTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDBF16019A61 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDBF16019A61 Datasheet HTML 1Page - Shoulder Electronics Limited. HDBF16019A61 Datasheet HTML 2Page - Shoulder Electronics Limited. HDBF16019A61 Datasheet HTML 3Page - Shoulder Electronics Limited. HDBF16019A61 Datasheet HTML 4Page - Shoulder Electronics Limited. HDBF16019A61 Datasheet HTML 5Page - Shoulder Electronics Limited. HDBF16019A61 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
规格书编号
SPEC NO :
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 6
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW FILTER
MODEL NO 型 号:
HDBF16019A61
PREPARED 编 制:
CHECKED 审 核:
Houshihong
APPROVED 批 准:
CHARLES
D A T E 日 期:
2007-01-25
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE
无锡市好达电子有限公司
Shoulder Electronics Limited


Similar Part No. - HDBF16019A61

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDBF16004A64 SHOULDER-HDBF16004A64 Datasheet
111Kb / 6P
   SAW FILTER
HDBF16005A63 SHOULDER-HDBF16005A63 Datasheet
107Kb / 6P
   SAW FILTER
HDBF16009A24 SHOULDER-HDBF16009A24 Datasheet
126Kb / 6P
   SAW FILTER
HDBF16021A61 SHOULDER-HDBF16021A61 Datasheet
152Kb / 6P
   This specification shall cover the characteristics of SAW filter HDBF16021A61
More results

Similar Description - HDBF16019A61

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
B39311B3739H110 TDK-B39311B3739H110 Datasheet
114Kb / 11P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com