Electronic Components Datasheet Search |
|
MPC8544VTARJ Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MPC8544VTARJ Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 120 page © Freescale Semiconductor, Inc., 2008, 2009. All rights reserved. Freescale Semiconductor Technical Data 1 MPC8544E Overview This section provides a high-level overview of MPC8544E features. Figure 1 shows the major functional units within the device. 1.1 Key Features The following list provides an overview of the device feature set: • High-performance 32-bit Book E–enhanced core built on Power Architecture™ technology: — 32-Kbyte L1 instruction cache and 32-Kbyte L1 data cache with parity protection. Caches can be locked entirely or on a per-line basis, with separate locking for instructions and data. — Signal-processing engine (SPE) APU (auxiliary processing unit). Provides an extensive instruction set for vector (64-bit) integer and fractional operations. These instructions use both the upper and lower words of the 64-bit GPRs as they are defined by the SPE APU. Document Number: MPC8544EEC Rev. 3, 11/2009 Contents 1. MPC8544E Overview . . . . . . . . . . . . . . . . . . . . . . . . . 1 2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 8 3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 13 4. Input Clocks . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 16 6. DDR and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . . 17 7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 8. Enhanced Three-Speed Ethernet (eTSEC), MII Management . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 9. Ethernet Management Interface Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43 10. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 11. Programmable Interrupt Controller . . . . . . . . . . . . . 56 12. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 13. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 62 15. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 63 16. High-Speed Serial Interfaces (HSSI) . . . . . . . . . . . . 65 17. PCI Express . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75 18. Package Description . . . . . . . . . . . . . . . . . . . . . . . . . 83 19. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 95 20. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98 21. System Design Information . . . . . . . . . . . . . . . . . . 107 22. Device Nomenclature . . . . . . . . . . . . . . . . . . . . . . . 116 23. Document Revision History . . . . . . . . . . . . . . . . . . 119 MPC8544E PowerQUICC™ III Integrated Processor Hardware Specifications |
Similar Part No. - MPC8544VTARJ |
|
Similar Description - MPC8544VTARJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |