Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG2041-TRF-5 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LG2041-TRF-5
Description  TAPE AND REEL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG2041-TRF-5 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LG2041-TRF-5 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG2041-TRF-5 Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2/6
Page
mA
UNIT
Ratings
15
Green
IF
Parameter
Forward Current
Symbol
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
mW
Luminous
intensity
@10mA(mcd)
Viewing
angle
2
θ 1/2
(deg)
Typ.
Min.
10
50
-40 ~ +100
-40 ~ +85
Ir
PD
Topr
Tstg
Storage Temperature
Operating Temperature
Power Dissipation
Reverse Current @5V
10
Spectral
halfwidth
△λnm
Peak
wave
length
λPnm
Lens
Min.
PART NO
MATERIAL
LG2041/TRF-5
Emitted
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
COLOR
Forward
voltage
@
mA(V)
Typ.
Peak Forward Current
Duty 1/10@10KHz
IFP
80
mA
Typical Electrical & Optical Characteristics (Ta=25
)
Absolute Maximum Ratings at Ta=25
GaP
Green
Green Transparent
565
30
1.7
2.1
30
65
30
PART NO. LG2041/TRF-
5


Similar Part No. - LG2041-TRF-5

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG2041-TRF-X LIGITEK-LG2041-TRF-X Datasheet
222Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
More results

Similar Description - LG2041-TRF-5

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com