Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG2040-PF-TRS-X Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LG2040-PF-TRS-X
Description  TAPE AND REEL TYPE LED LAMPS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG2040-PF-TRS-X Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LG2040-PF-TRS-X Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG2040-PF-TRS-X Datasheet HTML 7Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
120°
25°
Time(sec)
50
100
Preheat
0
60 Seconds Max
2
°/sec
max
150
260°
Temp(
°C)
5
°/sec
max
260
°C3sec Max
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One Time)
Distance:2mm Min(From solder joint to body)
2.Wave Soldering Profile
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 5/6
LG2040-PF/TRS-X
PART NO.


Similar Part No. - LG2040-PF-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG2040-PF-TBF-X LIGITEK-LG2040-PF-TBF-X Datasheet
137Kb / 8P
   TAPE AND BOX TYPE LED LAMPS
LG2040-PF-TBS-X LIGITEK-LG2040-PF-TBS-X Datasheet
125Kb / 7P
   ROUND TYPE LED LAMPS
More results

Similar Description - LG2040-PF-TRS-X

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LVG2041-TRS-X LIGITEK-LVG2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2041-TRS-X LIGITEK-LHR2041-TRS-X Datasheet
90Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LHR2043-TRS-X LIGITEK-LHR2043-TRS-X Datasheet
89Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LH2040-TRS-X LIGITEK-LH2040-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LI2040-S91-PF-TRS-X LIGITEK-LI2040-S91-PF-TRS-X Datasheet
126Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSE2041-TRF-X LIGITEK-LSE2041-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LSRF42941-PF-TRF-X LIGITEK-LSRF42941-PF-TRF-X Datasheet
138Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LVY2041-TRS-X LIGITEK-LVY2041-TRS-X Datasheet
86Kb / 6P
   TAPE AND REEL TYPE LED LAMPS
LEG42292-L11-PF-TRS-X LIGITEK-LEG42292-L11-PF-TRS-X Datasheet
142Kb / 8P
   TAPE AND REEL TYPE LED LAMPS
LG2040-TRF-X LIGITEK-LG2040-TRF-X Datasheet
123Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
LG2041-TRF-5 LIGITEK-LG2041-TRF-5 Datasheet
127Kb / 7P
   TAPE AND REEL TYPE LED LAMPS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com