Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG2040-HV5-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG2040-HV5-PF
Description  HIGH VOLTAGE LED LAMPS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG2040-HV5-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG2040-HV5-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG2040-HV5-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG2040-HV5-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG2040-HV5-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG2040-HV5-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG2040-HV5-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
60 Seconds Max
Page 4/5
2.Wave Soldering Profile
Soldering Condition(Pb-Free)
1.Iron:
Soldering Iron:30W Max
Temperature 350
°C Max
Soldering Time:3 Seconds Max(One time only)
Distance:2mm Min(From solder joint to body)
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
150
Time(sec)
260
°C3sec Max
260°
Temp(
°C)
2
°/sec
max
100
50
Preheat
120°
25°
0
Note: 1.Wave solder should not be made more than one time.
2.You can just only select one of the soldering conditions as above.
5
°/sec
max
Dip Soldering
Preheat: 120
°C Max
Preheat time: 60seconds Max
Ramp-up
2
°C/sec(max)
Ramp-Down:-5
°C/sec(max)
Solder Bath:260
°C Max
Dipping Time:3 seconds Max
Distance:2mm Min(From solder joint to body)
PART NO. LG2040/HV5-PF


Similar Part No. - LG2040-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG2040-HV5 LIGITEK-LG2040-HV5 Datasheet
119Kb / 5P
   HIGH VOLTAGE LED LAMPS
More results

Similar Description - LG2040-HV5-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LI2040-HV5-PF LIGITEK-LI2040-HV5-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LY3330-HV12-PF LIGITEK-LY3330-HV12-PF Datasheet
128Kb / 6P
   HIGH VOLTAGE LED LAMPS
LE3330-HV12-PF LIGITEK-LE3330-HV12-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LYG75363-HV5-PF LIGITEK-LYG75363-HV5-PF Datasheet
139Kb / 7P
   HIGH VOLTAGE LED LAMPS
LI32640-HV12-PF-FD LIGITEK-LI32640-HV12-PF-FD Datasheet
196Kb / 7P
   HIGH VOLTAGE LED LAMPS
LG65060-S6-PF LIGITEK-LG65060-S6-PF Datasheet
126Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV5-PF LIGITEK-LG3330-HV5-PF Datasheet
127Kb / 6P
   HIGH VOLTAGE LED LAMPS
LG3330-HV12-PF LIGITEK-LG3330-HV12-PF Datasheet
135Kb / 6P
   HIGH VOLTAGE LED LAMPS
LI2040-HV15-PF LIGITEK-LI2040-HV15-PF Datasheet
237Kb / 8P
   HIGH VOLTAGE LED LAMPS
LFI2060-HV48-O-PF LIGITEK-LFI2060-HV48-O-PF Datasheet
98Kb / 6P
   HIGH VOLTAGE LED LAMPS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com