Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC5733MF0MLQA4 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPC5733MF0MLQA4
Description  microcontroller units (MCUs)
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5733MF0MLQA4 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPC5733MF0MLQA4 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5733MF0MLQA4 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
MPC5634M Microcontroller Data Sheet, Rev. 4
Preliminary—Subject to Change Without Notice
Overview
Freescale Semiconductor
8
– Execution from external memory on the calibration bus
– Download and execution of code via FlexCAN or eSCI
Periodic interrupt timer (PIT)
— 32-bit wide down counter with automatic reload
— Four channels clocked by system clock
— One channel clocked by crystal clock
— Each channel can produce periodic software interrupt
— Each channel can produce periodic triggers for eQADC queue triggering
— One channel out of the five can be used as wake-up timer to wake device from low power stop mode
System timer module (STM)
— 32-bit up counter with 8-bit prescaler
— Clocked from system clock
— Four-channel timer compare hardware
— Each channel can generate a unique interrupt request
— Designed to address AutoSAR task monitor function
Software watchdog timer (SWT)
— 32-bit timer
— Clock by system clock or crystal clock
— Can generate either system reset or non-maskable interrupt followed by system reset
— Enabled out of reset
Enhanced modular I/O system (eMIOS)
— 16 timer channels (up to 14 channels in 144 LQFP)
— 24-bit timer resolution
— Supports a subset of the timer modes found in eMIOS on MPC5554
— 3 selectable time bases plus shared time or angle counter bus from eTPU2
— DMA and interrupt request support
— Motor control capability
Second-generation enhanced time processor unit (eTPU2)
— Compatible with eTPU—no changes are required to hardware or software if only eTPU features are used
— Intelligent co-processor designed for timing control
— High level tools, assembler and compiler available
— 32 channels (each channel has dedicated I/O pin in all packages)
— 24-bit timer resolution
— 14 KB code memory and 3 KB data memory
— Double match and capture on all channels
— Angle clock hardware support
— Shared time or angle counter bus with eMIOS
— DMA and interrupt request support
— Nexus Class 1 debug support
— eTPU2 enhancements
– Counters and channels can run at full system clock speed
– Software watchdog
– Real-time performance monitor
– Instruction set enhancements for smaller more flexible code generation
– Programmable channel mode for customization of channel operation


Similar Part No. - SPC5733MF0MLQA4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SPC5702BECLQ FREESCALE-SPC5702BECLQ Datasheet
892Kb / 98P
   Microcontroller
SPC5702BECLU FREESCALE-SPC5702BECLU Datasheet
892Kb / 98P
   Microcontroller
SPC5702BECMG FREESCALE-SPC5702BECMG Datasheet
892Kb / 98P
   Microcontroller
SPC5702BEMLQ FREESCALE-SPC5702BEMLQ Datasheet
892Kb / 98P
   Microcontroller
SPC5702BEMLU FREESCALE-SPC5702BEMLU Datasheet
892Kb / 98P
   Microcontroller
More results

Similar Description - SPC5733MF0MLQA4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5604P FREESCALE-MPC5604P Datasheet
1Mb / 84P
   microcontroller units (MCUs)
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
   8-bit microcontroller units (MCUs)
logo
Motorola, Inc
MC68HC08AS32 MOTOROLA-MC68HC08AS32 Datasheet
1Mb / 394P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
MC68HC908GP32 MOTOROLA-MC68HC908GP32 Datasheet
3Mb / 410P
   M68HC08 Family of 8-bit microcontroller units (MCUs)
logo
Renesas Technology Corp
HD6432633 RENESAS-HD6432633 Datasheet
5Mb / 1453P
   Series of Microcomputers (MCUs: microcomputer units)
logo
Motorola, Inc
MC68HC05C12 MOTOROLA-MC68HC05C12 Datasheet
9Mb / 165P
   HCMOS MICROCONTROLLER UNITS
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
   The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
logo
Freescale Semiconductor...
MC68HC908LJ12 FREESCALE-MC68HC908LJ12 Datasheet
4Mb / 413P
   8-bit microcontroller units
logo
Motorola, Inc
68HC08KH12 MOTOROLA-68HC08KH12 Datasheet
2Mb / 262P
   8 BIT MICROCONTROLLER UNITS
logo
Freescale Semiconductor...
68HC05J5A FREESCALE-68HC05J5A Datasheet
1Mb / 106P
   8-bit microcontroller units
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com