Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA621010EGR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MMA621010EGR2
Description  Digital Dual Axis Micromachined Accelerometer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA621010EGR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MMA621010EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MMA621010EGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MMA6222KEG
Sensors
10
Freescale Semiconductor
2.3
ELECTRICAL CHARACTERISTICS (CONTINUED)
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4 K/min unless otherwise specified
Notes:
1. Parameters tested 100% at final test.
2. Verified by characterization, not tested in production.
6. Parameters tested 100% at unit probe.
Ref
Characteristic
Symbol
Min
Typ
Max
Units
76
77
78
79
Negative Self Test Output Change
(DOUT, digital)
TA = 25°C
-40°C
≤ TA ≤ 105°C
(XOUT, YOUT, analog)
TA = 25°C
-40°C
≤ TA ≤ 105°C
ΔST
ΔST
ΔST
ΔST
-78
-82
-18
-18
-72
-72
-66
-62
-10
-10
digit
digit
% FS
% FS
(6)
(6)
(6)
(6)
80
81
82
83
Cross-Axis Sensitivity
VZX
VYX
VZY
VXY
VZX
VYX
VZY
VXY
-4
-4
-4
-4
+4
+4
+4
+4
%
%
%
%
(6)
(6)
(6)
(6)
84
85
86
87
88
89
90
DAC Characteristics (XOUT, YOUT)
Minimum Output Level, IOUT = -200 μA
Maximum Output Level, IOUT = 200 μA
Offset Error
Gain Error
Differential Nonlinearity
Integral Nonlinearity
TA = 25°C
-40°C
≤ TA ≤ 105°C
AVLOW
AVHIGH
OFST
GERR
DNL
INL
INL
VCC - 0.25
-0.2
-0.3
-2
-3
-3.5
0.25
+0.2
+0.3
+2
+3
+3.5
V
V
%FSR
%FSR
digit
digit
digit
(2)
(2)
(2)
(2)
(2)
(2)
(6)
91
92
Output High Voltage
DOUT (ILoad = -100 μA)
3.15 V
≤ (VCC - VSS) ≤ 3.45 V
4.75 V
≤ (VCC - VSS) ≤ 5.25 V
VOH
VOH
3.25
3.75
V
V
(2)
(2)
93
94
Output Low Voltage
DOUT, (ILoad = 100 μA)
3.15 V
≤ (VCC - VSS) ≤ 3.45 V
4.75 V
≤ (VCC - VSS) ≤ 5.25 V
VOL
VOL
0.4
0.4
V
V
(2)
(2)
95
96
Output Loading (DOUT)
Load Resistance
Load Capacitance
ZOUT
COUT
47
35
k
Ω
pF
(6)
(6)
97
98
Output Loading (XOUT, YOUT)
Load Resistance
Load Capacitance
ZOUT
COUT
25
60
k
Ω
pF
(6)
(6)
99
100
Input High Voltage
CS/RESET, SCLK, DIN/ST, CAP/HOLD
3.15 V
≤ (VCC - VSS) ≤ 3.45 V
4.75 V
≤ (VCC - VSS) ≤ 5.25 V
VIH
VIH
1.5
2.5
V
V
(2)
(2)
101
102
Input Low Voltage
CS/RESET, SCLK, DIN/ST, CAP/HOLD
3.15 V
≤ (VCC - VSS) ≤ 3.45 V
4.75 V
≤ (VCC - VSS) ≤ 5.25 V
VIL
VIL
0.85
1.0
V
V
(2)
(2)
103
104
105
Input Current
High (at VIH)
SCLK, DIN, CAP/HOLD
VPP/TEST (internal pulldown resistor)
Low (at VIL)
CS/RESET
IIH
RIN
IIL
-30
190
30
-50
270
50
-260
350
260
μA
k
Ω
μA
(2)
(2)
(2)


Similar Part No. - MMA621010EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA621010EGR2 FREESCALE-MMA621010EGR2 Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
More results

Similar Description - MMA621010EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Freescale Semiconductor...
MMA6222AKEG FREESCALE-MMA6222AKEG Datasheet
209Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com