Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA621010AEGR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MMA621010AEGR2
Description  Analog Dual Axis Micromachined Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA621010AEGR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MMA621010AEGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA621010AEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MMA6222AEG
Sensors
6
Freescale Semiconductor
1.4.11
ST
This pin performs a dual function. When driven to a logic high level, the internal self-test voltage generator is activated. A low-to-
high transition on this pin will clear the internal STATUS latch. Note that under certain fault conditions, the STATUS latch will be
immediately reset, indicating a terminal fault condition.
A diagram illustrating operation of the STATUS latch following device initialization is illustrated in Figure 1-5.
Figure 1-5 ST and STATUS Interaction
1.4.12
CAP/HOLD
When this input pin is low, acceleration data is updated by the DSP whenever a data sample becomes available. Upon a low-to-
high transition of CAP/HOLD acceleration data is frozen. Acceleration data is not updated as long as the pin remains at a logic
‘1’ level. This pin may be tied directly to VSS if the hold function is not desired.
1.4.13
XOUT, YOUT
Two digital-to-analog converters (DACs) are provided. These converters translate output of the DSP block into voltage levels pro-
portional to the magnitude of the numerical result and ratiometric to VCC.
1.5
EXTERNAL COMPONENTS
The connections illustrated in Figure 1-1 are recommended. Careful printed wiring board layout and component placement is es-
sential for best performance. Low ESR capacitors must be connected to CREG and CREGA pins for the best performance. A
grounded land area with solder mask should be placed under the package for improved shielding of the device from external
effects. If a land area is not provided, no signals should be routed beneath the package. See Figure 1-1.
ST
FAULT DETECT
SELF TEST ENABLE
VDD
D
R
Q
STATUS


Similar Part No. - MMA621010AEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA621010AEGR2 FREESCALE-MMA621010AEGR2 Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA621010AEGR2 NXP-MMA621010AEGR2 Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results

Similar Description - MMA621010AEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com