Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA6222AEGR2 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA6222AEGR2
Description  Analog Dual Axis Micromachined Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA6222AEGR2 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA6222AEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA6222AEGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MMA6222AEG
Sensors
8
Freescale Semiconductor
2.3
ELECTRICAL CHARACTERISTICS
VL ≤ (VCC - VSS) ≤ VH, TL ≤ TA ≤ TH, |ΔTA| < 4 K/min unless otherwise specified
Notes:
1. Parameters tested 100% at final test.
2. Verified by characterization, not tested in production.
3. Tested at VCC = VL and VCC = VH.
4. Power supply ripple at frequencies greater than 900 kHz should be minimized to the greatest extent possible.
5. Devices are trimmed at 100 Hz with 1000 Hz low-pass filter option selected.
(#) Indicates a FSL significant parameter (CPK > 1.33).
(*) Indicates a FSL critical parameter (CPK > 1.67).
Ref
Characteristic
Symbol
Min
Typ
Max
Units
19
Supply Current Drain
Analog-only output configuration
IDD
9.0
mA
(1)
20
21
22
23
24
25
26
27
28
29
30
31
Power-On Recovery Threshold (See Figure 2-1)
VCC
CREG
CREGA
CREF
Power-On Reset Threshold (See Figure 2-1)
VCC
CREG
CREGA
CREF
Hysteresis (VPOR_N - VPOR_A, See Figure 2-1)
VCC
CREG
CREGA
CREF
VPOR_N
VPOR_N
VPOR_N
VPOR_N
VPOR_A
VPOR_A
VPOR_A
VPOR_A
VHYST
VHYST
VHYST
VHYST
2.77
1.80
2.18
1.11
2.77
1.80
2.18
1.11
0
0
0
0
3.15
2.32
2.50
1.29
2.95
2.10
2.31
1.19
388
300
261
150
V
V
V
V
V
V
V
V
mV
mV
mV
mV
(2)
(2)
(2)
(2)
(2)
(2)
(2)
(2)
32 Minimum Functional Voltage (See Figure 2-1)
VDACU
2.0
V
(2)
33
34
35
Internally Regulated Voltages
CREG
CREGA (3)
CREF
*
*
VDD
V2.5
VREF
2.42
2.42
1.20
2.50
2.50
1.25
2.58
2.58
1.29
V
V
V
(1)
(1)
(1)
36
37
External Filter Capacitor (CREG, CREGA)
Value
ESR (including interconnect resistance)
CREG
ESR
800
1000
200
nF
m
Ω
(2)
(2)
38
Power Supply Coupling (4)
Analog output
See Figure 2-2
(2)
39
40
41
42
43
44
Analog Sensitivity (XOUT, YOUT)
20g Range
35g Range
50g Range
100g Range
Sensitivity Error
TA = 25°C
40°C
≤ TA ≤ 105°C
*
*
*
*
*
*
ASENS
ASENS
ASENS
ASENS
ΔSENS
ΔSENS
-8
-8
23.40
13.40
9.37
4.68
+8
+8
mV/V/g
mV/V/g
mV/V/g
mV/V/g
%
%
(1)(5)
(1)(5)
(1)(5)
(1)(5)
(1)(5)
(1)(5)
45
Offset at 0g
Analog output (XOUT, YOUT)
*
AOUT
0.46
× VCC
0.5
× VCC
0.54
× VCC
V
(1)(5)


Similar Part No. - MMA6222AEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222AEGR2 FREESCALE-MMA6222AEGR2 Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AEGR2 NXP-MMA6222AEGR2 Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results

Similar Description - MMA6222AEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com