Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA621010AKEG Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MMA621010AKEG
Description  Analog Dual Axis Micromachined Accelerometer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA621010AKEG Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MMA621010AKEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA621010AKEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MMA6222AEG
Sensors
4
Freescale Semiconductor
1.3
PIN FUNCTIONS
The pinout for the MMA62XXAKEG device is illustrated in Figure 1-4. Pin functions are described below. When self-test is active,
the output becomes more positive in both axes if ST1 is cleared, or more negative in both axes if ST1 is set.
Figure 1-4 MMA62XXAKEG Pinout
1
16
2
15
3
14
4
13
5
12
6
11
7
20
8
19
N/C
VSS
N/C
VCC
XOUT
N/C
VPP
VSSA
CAP/HOLD
SCLK
CREGA
20-PIN SOIC PACKAGE
9
10
18
17
YOUT
ST
CREG
RESET
STATUS
CREF
CREF
CREGA
N/C
N/C: NO INTERNAL CONNECTION
X: 0g
Y: -1g
X: +1g
Y: 0g
X: 0g
Y: +1g
X: -1g
Y: 0g
Response to static orientation within 1g field.
TO CENTER OF
GRAVITATION FIELD


Similar Part No. - MMA621010AKEG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA621010AKEG NXP-MMA621010AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
MMA621010AKEGR2 NXP-MMA621010AKEGR2 Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
More results

Similar Description - MMA621010AKEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA6222AEG FREESCALE-MMA6222AEG Datasheet
203Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6222AKEG NXP-MMA6222AKEG Datasheet
268Kb / 16P
   Analog Dual Axis Micromachined Accelerometer
Rev 0, 12/2009
logo
Freescale Semiconductor...
MMA6260Q FREESCALE-MMA6260Q Datasheet
275Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
MMA6222EG FREESCALE-MMA6222EG Datasheet
377Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6231Q NXP-MMA6231Q Datasheet
323Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
Rev 2, 10/2006
logo
Motorola, Inc
MMA6260Q MOTOROLA-MMA6260Q Datasheet
124Kb / 8P
   짹1.5g Dual Axis Micromachined Accelerometer
logo
NXP Semiconductors
MMA6260Q NXP-MMA6260Q Datasheet
321Kb / 11P
   짹1.5g Dual Axis Micromachined Accelerometer
Rev 3, 10/2006
logo
Freescale Semiconductor...
MMA6231Q FREESCALE-MMA6231Q Datasheet
277Kb / 11P
   짹10g Dual Axis Micromachined Accelerometer
MMA6222KEG FREESCALE-MMA6222KEG Datasheet
383Kb / 34P
   Digital Dual Axis Micromachined Accelerometer
logo
Motorola, Inc
MMA6231Q MOTOROLA-MMA6231Q Datasheet
357Kb / 8P
   10g Dual Axis Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com