Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA3204KEG Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA3204KEG
Description  Surface Mount Micromachined Accelerometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA3204KEG Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA3204KEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA3204KEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMA3204KEG
Sensors
Freescale Semiconductor
5
BASIC CONNECTIONS
Pinout Description
Figure 3. SOIC Accelerometer with Recommended
Connection Diagram
PCB Layout
Figure 4. Recommended PCB Layout for Interfacing
Accelerometer to Microcontroller
NOTES:
Use a 0.1
μF capacitor on VDD to decouple the power
source.
Physical coupling distance of the accelerometer to the
microcontroller should be minimal.
Place a ground plane beneath the accelerometer to
reduce noise, the ground plane should be attached to all
of the open ended terminals shown in Figure 4.
Use an RC filter of 1 k
Ω and 0.01 μF on the output of the
accelerometer to minimize clock noise (from the switched
capacitor filter circuit).
PCB layout of power and ground should not couple power
supply noise.
Accelerometer and microcontroller should not be a high
current path.
A/D sampling rate and any external power supply
switching frequency should be selected such that they do
not interfere with the internal accelerometer sampling
frequency. This will prevent aliasing errors.
Pin No.
Pin Name
Description
1 thru 3
Leave unconnected.
4
No internal connection. Leave
unconnected.
5
ST
Logic input pin used to initiate
self-test.
6XOUT
Output voltage of the
accelerometer. X Direction.
7
STATUS
Logic output pin to indicate
fault.
8VSS
The power supply ground.
9VDD
The power supply input.
10
AVDD
Power supply input (Analog).
11
YOUT
Output voltage of the
accelerometer. Y Direction.
12 thru 16
Used for factory trim. Leave
unconnected.
17 thru 19
No internal connection. Leave
unconnected.
20
GND
Ground.
14
15
16
17
18
19
20
8
7
6
5
4
3
2
1
13
N/C
ST
XOUT
STATUS
VDD
GND
N/C
N/C
N/C
N/C
N/C
N/C
12
10
9
11
VSS
AVDD
N/C
YOUT
N/C
N/C
N/C
N/C
10
XOUT
YOUT
MMA3204KEG
ST
VDD
VSS
R1
1 k
Ω
C2
0.01
μF
5
9
8
Logic
Input
VDD
C1
0.1
μF
7
6
C3
0.01
μF
R2
1 k
Ω
AVDD
11
Status
X Output
Signal
Y Output
Signal
P0
A/D In
VRH
VSS
VDD
ST
YOUT
VSS
VDD
0.01
μF
C
1 k
Ω
0.1
μF
0.1
μF
Power Supply
C
R
C
0.1
μF
P1
STATUS
A/D In
XOUT
R
0.01
μF
C
1 k
Ω
C


Similar Part No. - MMA3204KEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA3204KEG FREESCALE-MMA3204KEG Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3204KEGR2 FREESCALE-MMA3204KEGR2 Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3204KEG FREESCALE-MMA3204KEG_12 Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
More results

Similar Description - MMA3204KEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA1210 FREESCALE-MMA1210 Datasheet
287Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1211 FREESCALE-MMA1211 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
MMA1213 FREESCALE-MMA1213 Datasheet
288Kb / 10P
   Surface Mount Micromachined Accelerometer
logo
NXP Semiconductors
MMA1211KEG NXP-MMA1211KEG Datasheet
180Kb / 10P
   Surface Mount Micromachined Accelerometer
Rev 0, 08/2011
MMA2301KEG NXP-MMA2301KEG Datasheet
166Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
MMA3202KEG NXP-MMA3202KEG Datasheet
181Kb / 11P
   Surface Mount Micromachined Accelerometer
Rev 1, 11/2012
logo
Motorola, Inc
MMA2201 MOTOROLA-MMA2201 Datasheet
99Kb / 8P
   Surface Mount Micromachined Accelerometer
logo
Freescale Semiconductor...
MMA3201KEG-12 FREESCALE-MMA3201KEG-12 Datasheet
117Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3221KEG FREESCALE-MMA3221KEG Datasheet
139Kb / 11P
   Surface Mount Micromachined Accelerometer
MMA3202D FREESCALE-MMA3202D Datasheet
221Kb / 12P
   Surface Mount Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com