Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS808B Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # BS808B
Description  Touch Key
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

BS808B Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  BS808B Datasheet HTML 1Page - Holtek Semiconductor Inc BS808B Datasheet HTML 2Page - Holtek Semiconductor Inc BS808B Datasheet HTML 3Page - Holtek Semiconductor Inc BS808B Datasheet HTML 4Page - Holtek Semiconductor Inc BS808B Datasheet HTML 5Page - Holtek Semiconductor Inc BS808B Datasheet HTML 6Page - Holtek Semiconductor Inc BS808B Datasheet HTML 7Page - Holtek Semiconductor Inc BS808B Datasheet HTML 8Page - Holtek Semiconductor Inc BS808B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Pin Assignment
Pin Description
The pins in the following table are common to all devices.
Pin Name
I/O
Description
Key0~Keyn
Input
Touch key n input. These pins are connected to the external touch key.
Kout0~Koutn
Output
Touch key n output pin.
Cref
Input
Touch key reference capacitor input - value range of 0pF to 10pF - higher capacitance val-
ues result in higher sensitivities.
VSS
¾
Negative power supply, ground
VDD
¾
Positive power supply
The following table shows device specific pins.
Pin Name
I/O
Device
Description
OKW
Input
BS804B
BS806B
BS808B
Selects One-key wake-up or Any-key wake-up.
Pin condition is read during power-up. The logic status of this pin must not be
changed after power-on. After power-on this pin
¢s function can be overridden
by a serial command on relevant devices. Pin connected to an internal
pull-high resistor. Internal circuitry ensures that this pull high resistor will not
consume current even if the input is low.
Open: One-key wake-up using key0 only
Low: Any-Key wake-up
SCD
Input/
Output
BS804B
BS808B
Serial bus pin used to communicate with an external MCU. The external MCU
can read the BS804B or BS808B touch key status and also send commands
to the device via this pin.
LHF
Input
BS801B
BS802B
BS804B
Selects Key Output Type
Pin condition is read during power-up. The logic status of this pin must not be
changed after power-on. After power-on this pin
¢s function can be overridden
by a serial command on relevant devices. Pin connected to an internal
pull-high resistor. Internal circuitry ensures that this pull high resistor will not
consume current even if the input is low.
Open: Level-Hold output
Low: Toggle output
Note:
It is important that the logic level of the OKW and LHF pins do not change state after power-on.
BS801B/02B/04B/06B/08B
Rev. 1.00
2
July 7, 2009
1
2
3
4
8
7
6
5
K e y 0
K o u t 1
K o u t 0
V S S
C r e f
K e y 1
V D D
L H F
B S 8 0 2 B
8 S O P - A
1
2
3
4
8
7
6
5
K e y 1
K e y 2
K e y 3
C r e f
K e y 0
S C D
V D D
V S S
B S 8 0 4 B
8 S O P - A
B S 8 0 4 B
1 6 N S O P - A
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
K e y 0
K e y 1
K e y 2
K e y 3
C r e f
V S S
N C
N C
K o u t 0
K o u t 1
K o u t 2
K o u t 3
S C D
V D D
O K W
L H F
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
B S 8 0 6 B
1 6 N S O P - A
K e y 0
K e y 1
K e y 2
K e y 3
K e y 4
K e y 5
C r e f
V S S
K o u t 0
K o u t 1
K o u t 2
K o u t 3
K o u t 4
K o u t 5
V D D
O K W
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
B S 8 0 8 B
2 0 S O P - A / S S O P - A
K e y 0
K e y 1
K e y 2
K e y 3
K e y 4
K e y 5
K e y 6
K e y 7
C r e f
V S S
K o u t 0
K o u t 1
K o u t 2
K o u t 3
K o u t 4
K o u t 5
K o u t 6
K o u t 7
V D D
O K W
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8
B S 8 0 8 B
1 6 N S O P - A
K e y 0
K e y 1
K e y 4
K e y 5
K e y 6
K e y 7
C r e f
N C
K e y 2
K e y 3
N C
N C
N C
S C D
V D D
V S S
K o u t V S S
T o p V i e w
L H F
C r e f
K e y
1
2
3
4
6
5
V D D
B S 8 0 1 B
S O T 2 3 - 6 - A


Similar Part No. - BS808B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS808C HOLTEK-BS808C Datasheet
181Kb / 21P
   Touch Key
More results

Similar Description - BS808B

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
BS801C HOLTEK-BS801C Datasheet
181Kb / 21P
   Touch Key
logo
Avia Semiconductor Co.,...
HX610 AVIA-HX610 Datasheet
56Kb / 1P
   6-Key Capacitive Touch Key Controller
logo
Holtek Semiconductor In...
HT7700 HOLTEK-HT7700 Datasheet
219Kb / 6P
   Key & Touch Linear Dimmer
logo
Shanghai awinic technol...
AW9203 AWINIC-AW9203 Datasheet
1Mb / 30P
   3-Key Capacitive Touch Controller
logo
Generalplus Technology ...
GPM8F377A GENERALPLUS-GPM8F377A Datasheet
376Kb / 16P
   Capacitive Touch M-KEY Sensor
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
   6-key touch detection IC
logo
List of Unclassifed Man...
NT1160 ETC2-NT1160 Datasheet
714Kb / 22P
   The Nuvoton touch key series
logo
STMicroelectronics
STMPE1208S STMICROELECTRONICS-STMPE1208S Datasheet
156Kb / 12P
   12 channel touch key controller
logo
Holtek Semiconductor In...
BS83B04C HOLTEK-BS83B04C Datasheet
6Mb / 123P
   4 Key Touch Flash MCU
logo
Tontek Design Technolog...
TTP224N-BSB TONTEK-TTP224N-BSB Datasheet
281Kb / 9P
   4 KEY TOUCH PAD DETECTOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com