Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-150HRF-DGM-CT Datasheet(PDF) 11 Page - LIGITEK electronics co., ltd.

Part # LG-150HRF-DGM-CT
Description  LED SMD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-150HRF-DGM-CT Datasheet(HTML) 11 Page - LIGITEK electronics co., ltd.

Back Button LG-150HRF-DGM-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-150HRF-DGM-CT Datasheet HTML 12Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 10/11
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic
glove is recommended when handing these LED. All devices, equipment and machinery must be properly
grounded.
(A) Recommended circuit.
(B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
Circuit model A
LED
Circuit model B
LED
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into
the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series
with the LED.
Consider worst case voltage variations than could occur across the current limiting resistor. The forward
current should not be allowed to change by more than 40 % of its desired value.
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Precautions For Use:
Storage time:
1.The operation of Temperatures and RH are : 5 ℃~35℃,RH60%.
2.Once the package is opened, the products should be used within a week.
Otherwise, they should be kept in a damp proof box with descanting agent.
Considering the tape life, we suggest our customers to use our products within
a year(from production date).
3.If opened more than one week in an atmosphere 5 ℃ ~ 35℃,RH60%,
they should be treated at 60
±
℃ 5 ℃fo r 15hrs.
PART NO. LG-150HRF/DGM-CT


Similar Part No. - LG-150HRF-DGM-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-150HRF-9UG-CT LIGITEK-LG-150HRF-9UG-CT Datasheet
180Kb / 12P
   LED SMD
LG-150HRF-CT LIGITEK-LG-150HRF-CT Datasheet
153Kb / 11P
   LED SMD
LG-150HRF-CT-08 LIGITEK-LG-150HRF-CT-08 Datasheet
153Kb / 11P
   LED SMD
LG-150HRF-HRF-R1-CT LIGITEK-LG-150HRF-HRF-R1-CT Datasheet
155Kb / 11P
   LED SMD
LG-150HRF-UG-CT LIGITEK-LG-150HRF-UG-CT Datasheet
242Kb / 12P
   LED SMD
More results

Similar Description - LG-150HRF-DGM-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com