Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-110HRF-CT Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LG-110HRF-CT
Description  LED SMD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-110HRF-CT Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LG-110HRF-CT Datasheet HTML 1Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 2Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 3Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-110HRF-CT Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0.5
20
Ambient Temperature(
)
Fig.6 Directive Radiation
Fig.5 Relative Intensity vs. Wavelength
Ambient Temperature(
)
0.8
-0
-20
-40
60
40
20
80
100
0
-40
-20
-0
60
40
80
100
Fig.4 Relative Intensity vs. Temperature
2.5
1.0
0.9
1.1
1.5
1.0
2.0
Fig.3 Forward Voltage vs. Temperature
1.2
3.0
Page 4/10
100
Forward Current(mA)
Forward Voltage(V)
1.5
1.0
0.1
2.5
2.0
3.0
1.0
10
0
1.0
10
0.5
1.0
1.5
2.0
100
1000
Fig.2 Relative Intensity vs. Forward Current
Fig.1 Forward current vs. Forward Voltage
1000
3.5
2.5
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
3.0
PART NO. LG-110HRF-CT
1.0
0
Wavelength (nm)
600
550
650
0.5
700
PART NO. LG-110HRF-CT
Typical Electro-Optical Characteristics Curve
HRF CHIP


Similar Part No. - LG-110HRF-CT

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-110HRF-CTR LIGITEK-LG-110HRF-CTR Datasheet
182Kb / 11P
   LED SMD
More results

Similar Description - LG-110HRF-CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LG-170DGM-CT ETC-LG-170DGM-CT Datasheet
146Kb / 11P
   LED SMD
logo
KODENSHI_AUK CORP.
SIB2336E-HD2 KODENSHI-SIB2336E-HD2 Datasheet
295Kb / 6P
   SMD LED
SY2336-G KODENSHI-SY2336-G Datasheet
204Kb / 5P
   SMD LED
SY2336-GA KODENSHI-SY2336-GA Datasheet
204Kb / 5P
   SMD LED
SO2336-G KODENSHI-SO2336-G Datasheet
203Kb / 5P
   SMD LED
logo
Lite-On Technology Corp...
LTPA-S38FUMWE LITEON-LTPA-S38FUMWE Datasheet
745Kb / 16P
   SMD LED
LTSA-T67RZHETA LITEON-LTSA-T67RZHETA Datasheet
920Kb / 15P
   SMD LED
LTSA-T680 LITEON-LTSA-T680 Datasheet
776Kb / 14P
   SMD LED
LTST-S32F1KT-5A LITEON-LTST-S32F1KT-5A_15 Datasheet
877Kb / 13P
   SMD LED
LTPL-C0675WPNB LITEON-LTPL-C0675WPNB Datasheet
629Kb / 16P
   SMD LED
LTSA-C190TBA5 LITEON-LTSA-C190TBA5 Datasheet
482Kb / 14P
   SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com