Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT1647A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1647A
Description  6416 LCD Controller for I/O MCU
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1647A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1647A Datasheet HTML 1Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 2Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 3Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 4Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 5Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 6Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 7Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 8Page - Holtek Semiconductor Inc HT1647A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT1647A
64´16 LCD Controller for I/O MCU
PATENTED
PAT No. : 099352
Rev. 1.20
1
June 22, 2009
Features
· Operating voltage: 2.7V~5.2V
· Built-in 32kHz RC oscillator
· External 32.768kHz crystal oscillator or 32kHz
frequency source input
· Standby current: <1mA at 3V, <2mAat5V
· Internal resistor type: 1/5 bias or 1/4 bias, 1/16 duty
· Two selectable LCD frame frequencies: 89Hz or
170Hz
· Max. 64´16 patterns, 64 segments and 16 commons
· Built-in bit-map display RAM: 1024 bits
(=64
´16 bits)
· Built-in internal resistor type bias generator
· Six-wire interface (four data wires)
· Eight kinds of time base/WDT selection
· Time base or WDT overflow output
· R/W address auto increment
· Built-in buzzer driver (2kHz/4kHz)
· Power down command reduces power consumption
· Software configuration feature
· Data mode and Command mode instructions
· Three data accessing modes
· Provides VLCD pin to adjust LCD operating voltage
· Provides three kinds of bias current programming
· Control of TN-type, STN-type LCDs and
ECB-type LCDs
· 100-pin QFP package and in chip form
General Description
HT1647A is a peripheral device specially designed for
I/O type MCU used to expand the display capability. The
max. display segment of the device are 1024 patterns
(64 segments and 16 commons). It also supports four
data bits interface, buzzer sound, Watchdog Timer or
time base timer functions. The HT1647A is a memory
mapping and multi-function LCD controller. Since the
HT1647A can control ECB-type (Electrically Controlled
Birefringence) LCDs in addition to current TN-type
(Twisted Nematic) or STN-type (Super Twisted Ne-
matic) LCDs. The software configuration feature of the
HT1647A make it suitable for multiple LCD applications
including LCD modules and display subsystems. Only
six lines (CS,WR, DB0~DB3) are required for the inter-
face between the host controller and the HT1647A.
Applications
· Leisure products
· Games
· Personal digital assistant
· Cellular phone
· Global positioning system
· Consumer electronics
Technical Document
· Application Note


Similar Part No. - HT1647A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1647A HOLTEK-HT1647A Datasheet
167Kb / 19P
   64x16 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
   64x16 LCD Controller for I/O MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com