Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD415-63-XX-RP146-PF Datasheet(PDF) 2 Page - LIGITEK electronics co., ltd.

Part # LFD415-63-XX-RP146-PF
Description  FOUR DIGIT LED DISPLAY(0.39Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD415-63-XX-RP146-PF Datasheet(HTML) 2 Page - LIGITEK electronics co., ltd.

  LFD415-63-XX-RP146-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD415-63-XX-RP146-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PART NO.
Note : 1.All dimension are in millimeters and (lnch) tolerance is
±0.25mm unless otherwise noted.
2.Specifications are subject to change without notice.
DP3
10.0
(0.39")
12.8
(0.504")
10.16
(0.4")
PIN NO.1
14.6
±0.5
2.54X7=17.78
(0.7")
LFD415/63-XX/RP146-PF
LIGITEK
DP
DP2
C
E
DP
D
Ø 0.45
TYP
F
B
G
A
40.18(1.582")
DIG.2
DIG.1
DIG.3
DP1
DIG.4
Package Dimensions
LFD415/63-XX/RP146-PF
7.0(0.276")
1/8
Page
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only


Similar Part No. - LFD415-63-XX-RP146-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD415-63-XX-KP126 LIGITEK-LFD415-63-XX-KP126 Datasheet
110Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Similar Description - LFD415-63-XX-RP146-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4H5-62M-XX-SRP9 LIGITEK-LFD4H5-62M-XX-SRP9 Datasheet
130Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP63-PF LIGITEK-LFD415-62-XX-RP63-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP95 LIGITEK-LFD415-62-XX-SRP95 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD4H5-6SBKS-XX-PF LIGITEK-LFD4H5-6SBKS-XX-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP75-PF LIGITEK-LFD415-62-XX-RP75-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-SRP65 LIGITEK-LFD415-62-XX-SRP65 Datasheet
138Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-PF LIGITEK-LFD415-64-XX-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-64-XX-RP75-PF LIGITEK-LFD415-64-XX-RP75-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-65-XX-RP6-PF LIGITEK-LFD415-65-XX-RP6-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com