Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD315-64-XX-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LFD315-64-XX-PF
Description  FOUR DIGIT LED DISPLAY (0.36 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD315-64-XX-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD315-64-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD315-64-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Reverse Current Per Any Chip
Ir
10
μA
Operating Temperature
Storage Temperature
LFD3154-XX-PF
PART NO
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
Common
Cathode
-25 ~ +85
-25 ~ +85
Material
GaAsP/GaP Orange
Emitted
CHIP
△λ
(nm)
λP
(nm)
common
cathode
or anode
635
Common
Anode
30
Tstg
Topr
Max.
2.6
1.7
2.1
Min.
Typ.
1.0
1.75
Min.
Typ.
Electrical
Vf(v)
Iv(mcd)
IV-M
2:1
PART NO.
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Power Dissipation Per Chip
Forward Current Per Chip
Absolute Maximum Ratings at Ta=25
Ratings
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Parameter
PD
IFP
IF
Symbol
UNIT
mA
mA
mW
100
120
E
30
Page 4/8
LFD315/64-XX-PF
LFD3164-XX-PF


Similar Part No. - LFD315-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
More results

Similar Description - LFD315-64-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD315-66-XX-T-PF LIGITEK-LFD315-66-XX-T-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD3E5-69-XX-F1-PF LIGITEK-LFD3E5-69-XX-F1-PF Datasheet
158Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-63-XX-G-PF LIGITEK-LFD315-63-XX-G-PF Datasheet
142Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-PF LIGITEK-LFD315-65-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-62-XX-PF LIGITEK-LFD315-62-XX-PF Datasheet
143Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD3D5-69-XX-F1-PF LIGITEK-LFD3D5-69-XX-F1-PF Datasheet
163Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-65-XX-RP61-PF LIGITEK-LFD315-65-XX-RP61-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
LFD315-64-XX LIGITEK-LFD315-64-XX Datasheet
112Kb / 8P
   FOUR DIGIT LED DISPLAY (0.36 Inch)
logo
Lucky Light Electronic
KW4-361 LUCKY-LIGHT-KW4-361 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.36)
logo
LIGITEK electronics co....
LSD3A72-XX LIGITEK-LSD3A72-XX Datasheet
88Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.36 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com