Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT95R24 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT95R24
Description  Phone 8-bit MCU
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R24 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT95R24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R24 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
HT95R24
Rev. 1.00
7
February 17, 2009
Program Counter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL² that demand a jump to a
non-consecutive Program Memory address. Note that
the Program Counter width varies with the Program
Memory capacity depending upon which device is se-
lected. However, it must be noted that only the lower 8
bits, known as the Program Counter Low Register, are
directly addressable by user.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the
microcontroller manages program control by loading the
required address into the Program Counter. For condi-
tional skip instructions, once the condition has been
met, the next instruction, which has already been
fetched during the present instruction execution, is dis-
carded and a dummy cycle takes its place while the cor-
rect instruction is obtained.
The lower byte of the Program Counter, known as the
Program Counter Low register or PCL, is available for
program control and is a readable and writable register.
By transferring data directly into this register, a short
program jump can be executed directly, however, as
only this low byte is available for manipulation, the
jumps are limited to the present page of memory, that is
256 locations. When such program jumps are executed
it should also be noted that a dummy cycle will be in-
serted.
Stack
This is a special part of the memory which is used to
save the contents of the Program Counter only. The
stack has 8 levels and is neither part of the data nor part
of the program space, and can neither be read from nor
written to. The activated level is indexed by the Stack
Pointer, SP, which can also neither be read from nor
written to. At a subroutine call or interrupt acknowledge
signal, the contents of the Program Counter are pushed
onto the stack. At the end of a subroutine or an interrupt
routine, signaled by a return instruction, RET or , the
Program Counter is restored to its previous value from
the stack. After a device reset, the Stack Pointer will
point to the top of the stack.
If the stack is full and an enabled interrupt takes place,
the interrupt request flag will be recorded but the ac-
knowledge signal will be inhibited. When the Stack
Pointer is decremented, by RET or RETI, the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
However, when the stack is full, a CALL subroutine in-
struction can still be executed which will result in a stack
overflow. Precautions should be taken to avoid such
cases which might cause unpredictable program
branching.
Mode
Program Counter Bits
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Initial Reset
0000000000000
External Interrupt
0000000000100
Timer/Event Counter 0
Overflow
0000000001000
Timer/Event Counter 1
Overflow
0000000001100
Peripheral Interrupt
0000000010000
RTC Interrupt
0000000010100
Multi-Function Interrupt
0000000011000
Skip
Program Counter + 2 (Within current bank)
Loading PCL
PC12 PC11 PC10 PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#12
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S12
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
PC12~PC8: Current Program Counter bits
@7~@0: PCL bits
#12~#0: Instruction code address bits
S12~S0: Stack register bits


Similar Part No. - HT95R24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
   I/O Type Phone 8-bit MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
   I/O Type Phone 8-bit MCU
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
More results

Similar Description - HT95R24

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT95R25 HOLTEK-HT95R25 Datasheet
354Kb / 51P
   Phone 8-bit MCU
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95LXXX HOLTEK-HT95LXXX Datasheet
364Kb / 52P
   LCD Type Phone 8-Bit MCU
HT95AXXX HOLTEK-HT95AXXX Datasheet
360Kb / 48P
   I/O Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R23 HOLTEK-HT95R23 Datasheet
442Kb / 53P
   I/O Type Phone 8-bit MCU
HT95R22 HOLTEK-HT95R22 Datasheet
374Kb / 52P
   I/O Type Phone 8-bit MCU
HT95L100 HOLTEK-HT95L100 Datasheet
768Kb / 42P
   8-Bit LCD Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com