Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT83F10 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT83F10
Description  Flash Type Voice OTP MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83F10 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT83F10 Datasheet HTML 4Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 5Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 6Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 7Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 8Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 9Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 10Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 11Page - Holtek Semiconductor Inc HT83F10 Datasheet HTML 12Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 61 page
background image
HT83FXX
Rev. 1.00
8
May 12, 2009
Program Counter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL², that demand a jump to a
non-consecutive Program Memory address. Note that
the Program Counter width varies with the Program
Memory capacity depending upon which device is se-
lected. However, it must be noted that only the lower 8
bits, known as the Program Counter Low Register, are
directly addressable by user.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the
microcontroller manages program control by loading the
required address into the Program Counter. For condi-
tional skip instructions, once the condition has been
met, the next instruction, which has already been
fetched during the present instruction execution, is dis-
carded and a dummy cycle takes its place while the cor-
rect instruction is obtained.
The lower byte of the Program Counter, known as the
Program Counter Low register or PCL, is available for
program control and is a readable and writable register.
By transferring data directly into this register, a short
program jump can be executed directly, however, as
only this low byte is available for manipulation, the
jumps are limited to the present page of memory, that is
256 locations. When such program jumps are executed
it should also be noted that a dummy cycle will be in-
serted.
The lower byte of the Program Counter is fully accessi-
ble under program control. Manipulating the PCL might
cause program branching, so an extra cycle is needed
to pre-fetch. Further information on the PCL register can
be found in the Special Function Register section.
Stack
This is a special part of the memory which is used to
save the contents of the Program Counter only. The
stack has 4 levels and is neither part of the data nor part
of the program space, and is neither readable nor
writable. The activated level is indexed by the Stack
Pointer, SP, and is neither readable nor writeable. At a
subroutine call or interrupt acknowledge signal, the con-
tents of the Program Counter are pushed onto the stack.
At the end of a subroutine or an interrupt routine, sig-
naled by a return instruction,
²RET² or ²RETI², the Pro-
gram Counter is restored to its previous value from the
stack. After a device reset, the Stack Pointer will point to
the top of the stack.
If the stack is full and an enabled interrupt takes place,
the interrupt request flag will be recorded but the ac-
knowledge signal will be inhibited. When the Stack
Pointer is decremented, by RET or RETI, the interrupt
will be serviced. This feature prevents stack overflow al-
lowing the programmer to use the structure more easily.
Mode
Program Counter
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
Initial Reset
00000000000
Timer Base Overflow
00000000100
Timer Counter 0 Overflow
00000001000
Timer Counter 1 Overflow
00000001100
SIM Interrupt
00000010100
Skip
Program Counter + 2
Loading PCL
*10
*9
*8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
*10~*0: Program counter bits
S10~S0: Stack register bits
#10~#0: Instruction code bits
@7~@0: PCL bits
P r o g r a m C o u n t e r
S t a c k L e v e l 1
S t a c k L e v e l 2
S t a c k L e v e l 3
S t a c k L e v e l 4
P r o g r a m
M e m o r y
T o p o f S t a c k
S t a c k
P o i n t e r
B o t t o m o f S t a c k


Similar Part No. - HT83F10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10 HOLTEK-HT83F10 Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
HT83F10P HOLTEK-HT83F10P Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10P HOLTEK-HT83F10P Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
HT83F10 HOLTEK-HT83F10_10 Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
More results

Similar Description - HT83F10

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10 HOLTEK-HT83F10_10 Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
   Wireless Voice Flash MCU
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
   Voice Synthesizer 8-Bit OTP MCU
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
   Voice Synthesizer 8-Bit OTP MCU
HT66FV130 HOLTEK-HT66FV130 Datasheet
7Mb / 259P
   Enhanced Voice Flash MCU
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
   External Voice Memory Flash MCU
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
   Enhanced Touch Voice A/D Flash MCU
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com