Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT83FXX Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT83FXX
Description  Flash Type Voice OTP MCU
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT83FXX Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT83FXX Datasheet HTML 1Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 2Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 3Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 4Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 5Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 6Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 7Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 8Page - Holtek Semiconductor Inc HT83FXX Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
Part No.
VDD
VIN
OTP
Program
Memory
Data
Memory
Flash
Voice
Memory
Voice
Capacity
I/O
8-bit
Timer
I2C/
SPI
D/A
Package
Types
HT83F10
2.7V~3.6V
¾
2K
´15
80
´8
128K
´8
32sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F10P
3.3V
3.6V~24V
HT83F20
2.7V~3.6V
¾
2K
´15
80
´8
256K
´8
64sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F20P
3.3V
3.6V~24V
HT83F40
2.7V~3.6V
¾
2K
´15
80
´8
512K
´8
128sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F40P
3.3V
3.6V~24V
HT83F60
2.7V~3.6V
¾
2K
´15
80
´8
1024K
´8
256sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F60P
3.3V
3.6V~24V
HT83F80
2.7V~3.6V
¾
2K
´15
80
´8
2048K
´8
512sec
12
2
Ö
12-bit,
PWM
44QFP
HT83F80P
3.3V
3.6V~24V
Note: For devices that exist in more than one package formats, the table reflects the situation for the larger package.
Voice length is estimated by 32K-bit data rate, or 8K sampling rate and 4 bit ADPCM compress mode.
Block Diagram
HT83FXX
Rev. 1.00
2
May 12, 2009
S t a c k
D / A
C o n v e r t e r s
R A M D a t a
M e m o r y
I / O P o r t s
8 - b i t
T i m e r
W a t c h d o g
T i m e r
8 - b i t
R I S C
M C U
C o r e
W a t c h d o g
T i m e r O s c i l l a t o r
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
R C / C r y s t a l
O s c i l l a t o r
L o w
V o l t a g e
D e t e c t i o n
O T P R O M
P r o g r a m
M e m o r y
P W M
F l a s h D a t a
M e m o r y
I 2 C
F u n c t i o n
S P I
F u n c t i o n
L D O
H T 8 3 F 1 0 P / 2 0 P / 4 0 P / 6 0 P / 8 0 P
Selection Table
The devices include a comprehensive range of features, with most features common to all devices. The main features
distinguishing them are Flash Voice Memory capacity. The functional differences between the devices are shown in the
following table.


Similar Part No. - HT83FXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
   External Voice Memory Flash MCU
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10 HOLTEK-HT83F10 Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
HT83F10P HOLTEK-HT83F10P Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10P HOLTEK-HT83F10P Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
More results

Similar Description - HT83FXX

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT83F10 HOLTEK-HT83F10 Datasheet
434Kb / 62P
   Flash Type Voice OTP MCU
HT83F10 HOLTEK-HT83F10_10 Datasheet
466Kb / 62P
   Flash Type Voice OTP MCU
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
   Wireless Voice Flash MCU
HT86R192 HOLTEK-HT86R192 Datasheet
305Kb / 44P
   Voice Synthesizer 8-Bit OTP MCU
HT86R384 HOLTEK-HT86R384 Datasheet
300Kb / 41P
   Voice Synthesizer 8-Bit OTP MCU
HT66FV130 HOLTEK-HT66FV130 Datasheet
7Mb / 259P
   Enhanced Voice Flash MCU
HT83F02 HOLTEK-HT83F02 Datasheet
476Kb / 64P
   External Voice Memory Flash MCU
BS66FV340 HOLTEK-BS66FV340 Datasheet
7Mb / 265P
   Enhanced Touch Voice A/D Flash MCU
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
   VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
   VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com