Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFD4K5-62V-XX-S2-PF Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LFD4K5-62V-XX-S2-PF
Description  FOUR DIGIT LED DISPLAY (0.39 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4K5-62V-XX-S2-PF Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LFD4K5-62V-XX-S2-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4K5-62V-XX-S2-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Iv(mcd)
LFD4K62V-XX/S2-PF
Part Selection And Application Information(Ratings at 25)
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
LFD4K52V-XX/S2-PF
PART NO
λP
(nm)
common
cathode
or anode
Emitted
Green
GaP
Material
CHIP
Common
Anode
Common
Cathode
Electrical
565
30
△λ
(nm)
2.6
1.7
1.75
Max.
Min.
Vf(v)
Min.
Absolute Maximum Ratings at Ta=25
Forward Current Per Chip
Reverse Current Per Any Chip
Power Dissipation Per Chip
Peak Forward Current Per
Chip (Duty 1/10,0.1ms
Pulse Width)
Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260
Storage Temperature
Operating Temperature
Symbol
Parameter
Tstg
Topr
Ir
PD
IFP
IF
10
-25 ~ +85
-25 ~ +85
VG
30
120
100
Ratings
2:1
3.05
IV-M
Typ.
UNIT
μA
mW
mA
mA
Page 4/8
LFD4K5/62V-XX/S2-PF
PART NO.


Similar Part No. - LFD4K5-62V-XX-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results

Similar Description - LFD4K5-62V-XX-S2-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LFD4K5-64S-XX-F4-PF LIGITEK-LFD4K5-64S-XX-F4-PF Datasheet
153Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD415-64-XX-T LIGITEK-LFD415-64-XX-T Datasheet
105Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-62-XX-S1-PF LIGITEK-LFD435-62-XX-S1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-63HS-XX-S4-PF LIGITEK-LFD435-63HS-XX-S4-PF Datasheet
150Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD435-69-XX-D1-PF LIGITEK-LFD435-69-XX-D1-PF Datasheet
144Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6A-XX-F2-PF LIGITEK-LFD4K5-6A-XX-F2-PF Datasheet
148Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-6SBKS-XX-F2 LIGITEK-LFD4K5-6SBKS-XX-F2 Datasheet
108Kb / 8P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F1-PF LIGITEK-LFD4K5-61-XX-F1-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-61-XX-F6-PF LIGITEK-LFD4K5-61-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62V-XX-S7-PF LIGITEK-LFD4K5-62V-XX-S7-PF Datasheet
152Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
LFD4K5-62-XX-F6-PF LIGITEK-LFD4K5-62-XX-F6-PF Datasheet
154Kb / 9P
   FOUR DIGIT LED DISPLAY (0.39 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com