Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTL2F7JEDNN Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTL2F7JEDNN
Description  Property of Lite-On Only
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL2F7JEDNN Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTL2F7JEDNN Datasheet HTML 1Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 2Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 3Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 4Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 5Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 6Page - Lite-On Technology Corporation LTL2F7JEDNN Datasheet HTML 7Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
  
       
Electrical / Optical Characteristics at TA=25



 (H Series)
Parameter
Symbol
Part No. (LTL)
Min.
Typ.
Max.
Unit
Test Condition
2R3JDDNN
3.8
7.2
2R3JRDNN
3.8
8.0
2R3JEDNN
3.8
10.6
2R3JFDNN
3.8
10.6
2R3JYDNN
3.8
10.6
2R3JSDNN
3.8
10.6
Luminous
Intensity
Iv
2R3JGDNN
3.8
10.6
mcd
IF = 2mA
Note 1
Note 2
Viewing Angle
2
θ1/2
45
deg
Note 3 (Fig.5)
2R3JDDNN
650
2R3JRDNN
639
2R3JEDNN
632
2R3JFDNN
611
2R3JYDNN
595
2R3JSDNN
588
Peak Emission
Wavelength
λP
2R3JGDNN
575
nm
Measurement
@ peak (Fig.1)
2R3JDDNN
639
2R3JRDNN
632
2R3JEDNN
624
2R3JFDNN
605
2R3JYDNN
592
2R3JSDNN
587
Dominant
Wavelength
λd
2R3JGDNN
572
nm
Note 5
2R3JDDNN
20
2R3JRDNN
20
2R3JEDNN
20
2R3JFDNN
17
2R3JYDNN
15
2R3JSDNN
15
Spectral Line
Half-Width
∆λ
2R3JGDNN
15
nm
2R3JDDNN
1.8
2.4
2R3JRDNN
1.8
2.3
2R3JEDNN
1.8
2.4
2R3JFDNN
1.8
2.4
2R3JYDNN
1.8
2.4
2R3JSDNN
1.8
2.4
Forward Voltage
VF
2R3JGDNN
1.8
2.4
V
IF = 2mA
Reverse Current
IR
100
µA
VR = 5V
Capacitance
C
40
pF
VF = 0, f = 1 MHz
NOTES:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. Luminous intensity rank classified products support two ranks.
3.
θ 1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
4. Iv classification code is marked on each packing bag.
5. The dominant wavelength,
λd is derived from the CIE chromaticity diagram and represents the single wavelength which
defines the color of the device.
 
$
   !"


Similar Part No. - LTL2F7JEDNN

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTL2F7JETNN LITEON-LTL2F7JETNN Datasheet
229Kb / 6P
   Property of Lite-On Only
More results

Similar Description - LTL2F7JEDNN

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com