Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-S310F3WT Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-S310F3WT
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-S310F3WT Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-S310F3WT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 6Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 7Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 8Page - Lite-On Technology Corporation LTST-S310F3WT Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta=25℃
LTST-S310F3WT
Parameter
Symbol
Blue
Green
Red
Unit
Test
Condition
MIN.
28.0
112.0
45.0
TYP.
-
-
-
Luminous Intensity
IV
MAX.
180.0
450.0
180.0
mcd
IF = 20mA
Note 1
Viewing Angle
2θ1/2
TYP.
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λPeak
TYP.
468
520
632
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
TYP.
470
525
624
nm
IF = 20mA
Note 3
Spectral Line Half-Width
∆λ
TYP.
26
35
20
nm
TYP.
3.5
3.5
2.0
Forward Voltage
VF
MAX.
3.8
3.8
2.4
V
IF = 20mA
Reverse Current
IR
MAX.
10
10
10
μA
VR = 5V
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part
No. : LTST-S310F3WT
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-S310F3WT

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-S310F3WT TO-GRACE-LTST-S310F3WT Datasheet
808Kb / 11P
   Full color chip LED.
logo
Lite-On Technology Corp...
LTST-S310F3WT-2A LITEON-LTST-S310F3WT-2A Datasheet
633Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S310F3WT-2A LITEON-LTST-S310F3WT-2A_14 Datasheet
880Kb / 12P
   SMD LED
LTST-S310F3WT LITEON-LTST-S310F3WT_14 Datasheet
638Kb / 11P
   Full color chip LED/ Side looking special for LCD backlight
LTST-S310F3WT LITEON-LTST-S310F3WT_15 Datasheet
776Kb / 12P
   SMD LED
More results

Similar Description - LTST-S310F3WT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com