Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT46R065V Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT46R065V
Description  24V VFD Type 8-Bit OTP MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R065V Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT46R065V Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R065V Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
VCC
Conditions
VSCOM
VDD/2 Voltage for LCD COM
5V
¾ No load
0.475
0.500
0.525
VDD
VCC
VFD, F1O, BZO and BZO
Output Supply Voltage
¾¾
¾
12
¾
24
V
ICC1
Logic Operating Current 1
5V
18V No load, VFD outputs, all
output low, CLK=100kHz
¾
70
110
mA
24V
¾
90
135
mA
ICC2
Logic Operating Current 2
5V
18V No load, VFD outputs, all
output high, CLK=100kHz
¾
70
110
mA
24V
¾
90
135
mA
ICC3
Buzzer Operating Current
5V
18V
No load, BZI input 50kHz
¾
100
150
mA
24V
¾
120
180
mA
ICC4
Filament Operating Current
5V
18V
No load, F1 input 50kHz
¾
80
120
mA
24V
¾
100
150
mA
ISTB4
Standby Current (LDO Always
On, WDT Enable/Disable)
5V
18V
No load
¾
70
105
mA
24V
¾
90
135
mA
IOL2
F1O Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
5.0
10.0
¾
mA
IOH2
F1O Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
-22
-25
¾
mA
IOL3
BZO/BZO Sink Current
5V
18V
VOL= 0.1VCC
15
30
¾
mA
24V
25
50
¾
mA
IOH3
BZO/BZO Source Current
5V
18V
VOH= 0.9VCC
-15
-30
¾
mA
24V
-25
-50
mA
IOL4
Grid/Segment Sink Current
5V
18V
VOL= 0.1VCC
2.5
5.0
¾
mA
24V
5.0
10.0
¾
mA
IOH4
Grid/Segment Source Current
5V
18V
VOH= 0.9VCC
-6
-12
¾
mA
24V
-10
-20
¾
mA
Note: The standby current (ISTB1~ISTB3) and IDD4 are measured with all I/O pins in input mode and tied to VDD.
HT46R065V
Rev. 1.00
6
October 20, 2009
Ta=25
°C


Similar Part No. - HT46R065V

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R065 HOLTEK-HT46R065 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065 HOLTEK-HT46R065 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065B HOLTEK-HT46R065B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065B HOLTEK-HT46R065B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R065D HOLTEK-HT46R065D Datasheet
777Kb / 114P
   Enhanced A/D Type MCU with High Current LED Driver
More results

Similar Description - HT46R065V

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R065V HOLTEK-HT48R065V Datasheet
397Kb / 61P
   24V VFD Type 8-Bit OTP MCU
HT49RV3 HOLTEK-HT49RV3 Datasheet
334Kb / 44P
   VFD Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48RB8 HOLTEK-HT48RB8 Datasheet
281Kb / 45P
   8-Bit USB Type OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5 Datasheet
266Kb / 38P
   Remote Type 8-Bit OTP MCU
HT48RA0-5 HOLTEK-HT48RA0-5_12 Datasheet
259Kb / 38P
   Remote Type 8-Bit OTP MCU
HT46R14 HOLTEK-HT46R14 Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT82K70E-L HOLTEK-HT82K70E-L Datasheet
417Kb / 58P
   I/O Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com