Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF8S9260HSR3 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRF8S9260HSR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF8S9260HSR3 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRF8S9260HSR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF8S9260HSR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MRF8S9260HR3 MRF8S9260HSR3
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
900
f, FREQUENCY (MHz)
Figure 2. Output Peak-to-Average Ratio Compression (PARC)
Broadband Performance @ Pout = 75 Watts Avg.
-1 1
-15
16
21
-43
42
40
38
-35
20.5
20
19
910
920
930
940
950
960
970
980
-33
-19
-2
0
-2.5
Figure 3. Intermodulation Distortion Products
versus Two-T one Spacing
TWO-T ONE SPACING (MHz)
10
-60
-1 0
-2 0
-3 0
-5 0
1
100
-4 0
IM3-U
IM5-U
IM5-L
IM7-L
IM7-U
VDD = 28 Vdc, Pout = 250 W (PEP), IDQ = 1700 mA
Two-Tone Measurements
(f1 + f2)/2 = Center Frequency of 940 MHz
Figure 4. Output Peak-to-Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
-1
-3
-5
0
-2
-4
35
60
160
0
60
50
40
30
20
10
-1 dB = 64 W
ηD
-50
-20
-25
-30
-40
-35
-45
21
20
18
16
VDD = 28 Vdc, IDQ = 1700 mA, f = 940 MHz
Single-Carrier W-CDMA, 3.84 MHz Channel Bandwidth
Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF
-2 dB = 88 W
-3 dB = 122 W
-9
3.84 MHz Channel Bandwidth, Input Signal
PAR = 7.5 dB @ 0.01% Probability on CCDF
85
110
ACPR
135
Gps
PARC
16.5
17
17.5
18
18.5
19.5
36
34
-37
-39
-41
-13
-17
-1.5
-1
-0.5
VDD = 28 Vdc, Pout = 75 W (Avg.)
IDQ = 1700 mA, Single-Carrier W-CDMA
19
17
15
Gps
ηD
IM3-L
IRL
PARC
ACPR


Similar Part No. - MRF8S9260HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF8S9200NR3 FREESCALE-MRF8S9200NR3 Datasheet
294Kb / 13P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9200NR3 FREESCALE-MRF8S9200NR3 Datasheet
491Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF8S9200NR3 FREESCALE-MRF8S9200NR3_10 Datasheet
491Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF8S9202GNR3 FREESCALE-MRF8S9202GNR3 Datasheet
792Kb / 14P
   RF Power Field Effect Transistors
MRF8S9202N FREESCALE-MRF8S9202N Datasheet
652Kb / 13P
   RF Power Field Effect Transistor N-Channel Enhancement--Mode Lateral MOSFET
More results

Similar Description - MRF8S9260HSR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com