Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF6VP11KHR6 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MRF6VP11KHR6
Description  RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF6VP11KHR6 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MRF6VP11KHR6 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF6VP11KHR6 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MRF6VP11KHR6
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistor
N-Channel Enhancement-Mode Lateral MOSFET
Designed primarily for pulsed wideband applications with frequencies up to
150 MHz. Device is unmatched and is suitable for use in industrial, medical
and scientific applications.
• Typical Pulsed Performance at 130 MHz: VDD = 50 Volts, IDQ = 150 mA,
Pout = 1000 Watts Peak (200 W Avg.), Pulse Width = 100 μsec,
Duty Cycle = 20%
Power Gain — 26 dB
Drain Efficiency — 71%
• Capable of Handling 10:1 VSWR, @ 50 Vdc, 130 MHz, 1000 Watts Peak
Power
Features
• Characterized with Series Equivalent Large-Signal Impedance Parameters
• CW Operation Capability with Adequate Cooling
• Qualified Up to a Maximum of 50 VDD Operation
• Integrated ESD Protection
• Designed for Push-Pull Operation
• Greater Negative Gate-Source Voltage Range for Improved Class C
Operation
• RoHS Compliant
• In Tape and Reel. R6 Suffix = 150 Units per 56 mm, 13 inch Reel.
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5, +110
Vdc
Gate-Source Voltage
VGS
-6.0, +10
Vdc
Storage Temperature Range
Tstg
-65 to +150
°C
Case Operating Temperature
TC
150
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1,2)
Unit
Thermal Resistance, Junction to Case
Case Temperature 80
°C, 1000 W Pulsed, 100 μsec Pulse Width, 20% Duty Cycle
Case Temperature 67
°C, 1000 W CW, 100 MHz
ZθJC
RθJC
0.03
0.13
°C/W
1. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
Document Number: MRF6VP11KH
Rev. 6, 12/2009
Freescale Semiconductor
Technical Data
MRF6VP11KHR6
CASE 375D-05, STYLE 1
NI-1230
1.8-150 MHz, 1000 W, 50 V
LATERAL N-CHANNEL
BROADBAND
RF POWER MOSFET
PART IS PUSH-PULL
(Top View)
RFoutA/VDSA
31
42 RFoutB/VDSB
RFinA/VGSA
RFinB/VGSB
Figure 1. Pin Connections
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.


Similar Part No. - MRF6VP11KHR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6 Datasheet
446Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6 Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6 Datasheet
812Kb / 13P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
logo
NXP Semiconductors
MRF6VP11KHR6 NXP-MRF6VP11KHR6 Datasheet
859Kb / 13P
   N-Channel Enhancement-Mode Lateral MOSFET
Rev. 8, 9/2012
logo
Freescale Semiconductor...
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_10 Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
More results

Similar Description - MRF6VP11KHR6

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6VP2600H FREESCALE-MRF6VP2600H Datasheet
1Mb / 19P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com