Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8125EGR2 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA8125EGR2
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8125EGR2 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA8125EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8125EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
MMA81XXTKEG
Rev 0, 12/2009
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2009. All rights reserved.
Digital X-Axis or Z-Axis
Accelerometer
The MMA81XXTKEG (Z-axis) and MMA82XXTKEG (X-axis) are members of
Freescale’s family of DSI 2.0-compatible accelerometers. These devices
incorporate digital signal processing for filtering, trim and data formatting.
Features
Available in 20g, 40g, 50g, 100g, 150g, and 250g (MMA82XXTKEG, X-axis)
and 40g, 100g, 150g, and 250g (MMA81XXTKEG, Z-axis). Additional
g-ranges may be available upon request
80 customer-accessible OTP bits
10-bit digital data output from 8 to 10 bit DSI output
6.3 to 30 V supply voltage
On-chip voltage regulator
Internal self-test
Minimal external component requirements
RoHS compliant (-40 to +125ºC) 16-pin SOIC package
DSI 2.0 Compliant
Z-axis transducer is overdamped
Qualified AEC-Q100, Rev. F Grade 2 (-40
°C/ +105°C)
Typical Applications
Crash detection (Airbag)
Impact and vibration monitoring
Shock detection.
MMA81XXTKEG
MMA82XXTKEG
SERIES
SINGLE-AXIS
DSI 2.0
ACCELEROMETER
TKEG SUFFIX (Pb-free)
16-LEAD SOIC
CASE 475-01
PIN CONNECTIONS
116
215
314
413
512
611
710
89
N/C
VSS
N/C
VSS
CREG
BUSRTN
VPP/TEST
HCAP
CFIL
DOUT
VGND/DIN
CLK
BUSIN
BUSOUT
VSS
CREG
16-PIN SOIC PACKAGE


Similar Part No. - MMA8125EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8125EGR2 FREESCALE-MMA8125EGR2 Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8125EGR2 NXP-MMA8125EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA8125EGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com