Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8204TKEGR2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MMA8204TKEGR2
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8204TKEGR2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MMA8204TKEGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8204TKEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
MMA81XXTKEG
Sensors
Freescale Semiconductor
5
1.2
PACKAGE PINOUT
The pinout for this 16-pin device is shown in Figure 1-2.
Figure 1-2. Device Pinout
116
215
314
413
512
611
710
89
N/C
VSS
N/C
VSS
CREG
BUSRTN
VPP/TEST
HCAP
CFIL
DOUT
VGND/DIN
CLK
BUSIN
BUSOUT
VSS
CREG
16-PIN SOIC PACKAGE
ACTIVIATION OF X-AXIS SELF-TEST
-X
CAUSES OUTPUT TO
BECOME MORE POSITIVE
+Z
-Z
N/C: NO INTERNAL CONNECTION
+1 g
-1 g
0 g
0 g
+1 g
-1 g
0 g
0 g
+X
Output response to displacement in the direction of arrows.
Response to static orientation within 1 g field.
TO CENTER OF
GRAVITATIONAL FIELD
PROJECTION
ACTIVATION OF Z-AXIS SELF-TEST
CAUSES OUTPUT TO
BECOME MORE POSITIVE
CASE: 475-01


Similar Part No. - MMA8204TKEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8204EG FREESCALE-MMA8204EG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8204EG NXP-MMA8204EG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA8204EGR2 FREESCALE-MMA8204EGR2 Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8204EGR2 NXP-MMA8204EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA8204TKEGR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com