Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA8204EG Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MMA8204EG
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA8204EG Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MMA8204EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MMA8204EG Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
MMA81XXTKEG
Sensors
8
Freescale Semiconductor
Figure 1-5. VGND/DIN Connection Options
1.4
MODULE INTERCONNECT
A typical satellite module configuration supporting daisy-chain configuration is shown in Figure 1-6. Capacitors C1 and C2
form a filter network for the internal voltage regulator. Two capacitors are shown for redundancy; this configuration improves
reliability in the event of an open capacitor connection. A single 1
μF capacitor may be used in place of C1 and C2, however
connection from the capacitor to both CREG pins is required. CHOLD stores energy during signal transitions on BUSIN and
BUSOUT. The value of this capacitor is typically 1
μF; however, this depends upon data rates and bus utilization.
Figure 1-6. Typical Satellite Module Diagram
1.5
DEVICE IDENTIFICATION
Thirty-two OTP bits are factory-programmed with a unique serial number during the manufacturing and test. Five additional bits
are factory-programmed to indicate the full-scale range and axis of sensitivity. Device identification data may be read at any time
while the device is active.
BUSRTN
1 nF
CHASSIS
1.00 k
Ω, 1%
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MMA81XXTKEG/MMA82XXTKEG
N/C
VSS
N/C
VSS
CREG
BUSRTN
VPP/TEST
BUSIN
CFIL
DOUT
VGND/DIN
CLK
BUSOUT
HCAP
VSS
CREG
BUSRTN
GROUND-LOSS DETECTION DISABLED
GROUND-LOSS DETECTION ENABLED
(SINGLE-ENDED SYSTEMS ONLY)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MMA81XXTKEG/MMA82XXTKEG
N/C
VSS
N/C
VSS
CREG
BUSRTN
VPP/TEST
BUSIN
CFIL
DOUT
VGND/DIN
CLK
BUSOUT
HCAP
VSS
CREG
BUSRTN
CHOLD
BUSOUT
C1
1
μF
C2
1
μF
N/C
BUSIN
SEE NOTE
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MMA81XXTKEG/MMA82XXTKEG
N/C
VSS
N/C
VSS
CREG
BUSRTN
VPP/TEST
BUSIN
CFIL
DOUT
VGND/DIN
CLK
BUSOUT
HCAP
VSS
CREG
NOTE: LEAVE OPEN OR CONNECT TO SIGNAL MONITOR.


Similar Part No. - MMA8204EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA8204EG FREESCALE-MMA8204EG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8204EG NXP-MMA8204EG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA8204EGR2 FREESCALE-MMA8204EGR2 Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA8204EGR2 NXP-MMA8204EGR2 Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA8204EG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com