Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX31LDVMN5D Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX31LDVMN5D
Description  Multimedia Applications Processors
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX31LDVMN5D Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX31LDVMN5D Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX31LDVMN5D Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 118 page
background image
MCIMX31/MCIMX31L Technical Data, Rev. 4.3
6
Freescale Semiconductor
Functional Description and Application Information
2.2
Module Inventory
Table 3 shows an alphabetical listing of the modules in the multimedia applications processor. For
extended descriptions of the modules, see the reference manual. A cross-reference is provided to the
electrical specifications and timing information for each module with external signal connections.
Table 3. Digital and Analog Modules
Block
Mnemonic
Block Name
Functional
Grouping
Brief Description
Section/
Page
1-Wire®
1-Wire Interface
Connectivity
Peripheral
The 1-Wire module provides bi-directional communication between
the ARM11 core and external 1-Wire devices.
4.3.4/24
ATA
Advanced
Technology (AT)
Attachment
Connectivity
Peripheral
The ATA block is an AT attachment host interface. It is designed to
interface with IDE hard disc drives and ATAPI optical disc drives.
4.3.5/25
AUDMUX
Digital Audio
Multiplexer
Multimedia
Peripheral
The AUDMUX interconnections allow multiple, simultaneous
audio/voice/data flows between the ports in point-to-point or
point-to-multipoint configurations.
4.3.6/34
CAMP
Clock Amplifier
Module
Clock
The CAMP converts a square wave/sinusoidal input into a rail-to-rail
square wave. The output of CAMP feeds the predivider.
4.3.3/23
CCM
Clock Control
Module
Clock
The CCM provides clock, reset, and power management control for
the MCIMX31.
CSPI
Configurable
Serial Peripheral
Interface (x 3)
Connectivity
Peripheral
The CSPI is equipped with data FIFOs and is a master/slave
configurable serial peripheral interface module, capable of
interfacing to both SPI master and slave devices.
4.3.7/34
DPLL
Digital Phase
Lock Loop
Clock
The DPLLs produce high-frequency on-chip clocks with low
frequency and phase jitters.
Note: External clock sources provide the reference frequencies.
4.3.8/35
ECT
Embedded
Cross Trigger
Debug
The ECT is composed of three CTIs (Cross Trigger Interface) and
one CTM (Cross Trigger Matrix—key in the multi-core and
multi-peripheral debug strategy.
EMI
External
Memory
Interface
Memory
Interface
(EMI)
The EMI includes
• Multi-Master Memory Interface (M3IF)
• Enhanced SDRAM Controller (ESDCTL)
• NAND Flash Controller (NFC)
• Wireless External Interface Module (WEIM)
4.3.9.3/44,
4.3.9.1/36,
4.3.9.2/39
EPIT
Enhanced
Periodic
Interrupt Timer
Timer
Peripheral
The EPIT is a 32-bit “set and forget” timer which starts counting after
the EPIT is enabled by software. It is capable of providing precise
interrupts at regular intervals with minimal processor intervention.
ETM
Embedded
Trace Macrocell
Debug/Trace The ETM (from ARM, Ltd.) supports real-time instruction and data
tracing by way of ETM auxiliary I/O port.
4.3.10/52
FIR
Fast InfraRed
Interface
Connectivity
Peripheral
This FIR is capable of establishing a 0.576 Mbit/s, 1.152 Mbit/s or 4
Mbit/s half duplex link via a LED and IR detector. It supports 0.576
Mbit/s, 1.152 Mbit/s medium infrared (MIR) physical layer protocol
and 4Mbit/s fast infrared (FIR) physical layer protocol defined by
IrDA, Rev. 1.4.
4.3.11/53


Similar Part No. - MCIMX31LDVMN5D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31L FREESCALE-MCIMX31L Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31L FREESCALE-MCIMX31L Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31LC FREESCALE-MCIMX31LC Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
More results

Similar Description - MCIMX31LDVMN5D

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX31 FREESCALE-MCIMX31_07 Datasheet
1Mb / 108P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31_08 Datasheet
1Mb / 122P
   Multimedia Applications Processors
MCIMX31 FREESCALE-MCIMX31 Datasheet
1Mb / 170P
   Multimedia Applications Processors
MCIMX31C FREESCALE-MCIMX31C Datasheet
1Mb / 110P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_08 Datasheet
1Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_10 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
MCIMX31C FREESCALE-MCIMX31C_09 Datasheet
2Mb / 108P
   Multimedia Applications Processors for Industrial and Automotive Products
logo
STMicroelectronics
STW4810 STMICROELECTRONICS-STW4810 Datasheet
847Kb / 72P
   Power Management for Multimedia Processors
STW4810_0709 STMICROELECTRONICS-STW4810_0709 Datasheet
979Kb / 79P
   Power management for multimedia processors
logo
Freescale Semiconductor...
MCIMX27VOP4A FREESCALE-MCIMX27VOP4A Datasheet
972Kb / 122P
   Multimedia Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com