Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMA82XXTKEG Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MMA82XXTKEG
Description  Digital X-Axis or Z-Axis Accelerometer
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA82XXTKEG Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MMA82XXTKEG Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA82XXTKEG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
MMA81XXTKEG
Sensors
Freescale Semiconductor
3
SECTION 1 GENERAL DESCRIPTION
MMA81XXTKEG/MMA82XXTKEG family is a satellite accelerometer which is comprised of a single axis, variable capacitance
sensing element with a single channel interface IC. The interface IC converts the analog signal to a digital format which is trans-
mitted in accordance with the DSI-2.0 specification.
1.1
OVERVIEW
Signal conditioning begins with a Capacitance to Voltage conversion (C to V) followed by a 2-stage switched capacitor amplifier.
This amplifier has adjustable offset and gain trimming and is followed by a low-pass switched capacitor filter with Bessel function.
Offset and gain of the interface IC are trimmed during the manufacturing process. Following the filter the signal passes to the
output stage. The output stage sensitivity incorporates temperature compensation.
The output of the accelerometer signal conditioning is converted to a digital signal by an A/D converter. After this conversion the
resultant digital word is converted to a serial data stream which may be transmitted via the DSI bus. Power for the device is
derived from voltage applied to the BUSIN/BUSOUT and VSS pins. Bus voltage is rectified and applied to an external capacitor
connected to the HCAP pin. During data transmissions, the device operates from stored charge on the external capacitor. An
integrated regulator supplies fixed voltage to internal circuitry.
A self-test voltage may be applied to the electrostatic deflection plate in the sensing element. Self-Test voltage is factory trimmed.
Other support circuits include a bandgap voltage reference for the bias sources and the self-test voltage.
A total of 128 bits of One-Time Programmable (OTP) memory, are provided for storage of factory trim data, serial number and
device characteristics. Eighty OTP bits are available for customer programming. These eighty OTP bits may be programmed via
the DSI Bus or through the serial test/trim interface. OTP integrity is verified through continuous parity checking. Separate parity
bits are provided for factory and customer programmed data. In the event that a parity fault is detected, the reserved value of
zero is transmitted in response to a Read Acceleration Data command.
A block diagram illustrating the major elements of the device is shown in Figure 1-1.


Similar Part No. - MMA82XXTKEG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMA82XXTEG NXP-MMA82XXTEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
More results

Similar Description - MMA82XXTKEG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG Datasheet
394Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
logo
NXP Semiconductors
MMA81XXEG NXP-MMA81XXEG Datasheet
564Kb / 47P
   Digital X-Axis or Z-Axis Accelerometer
Rev 5, 04/2010
logo
Freescale Semiconductor...
MMA81XXEG FREESCALE-MMA81XXEG_10 Datasheet
350Kb / 47P
   Digital X-Axis or Z-Axis Digital X-Axis or Z-Axis
logo
MEMSIC Semiconductor (T...
MXC6655XA MEMSIC-MXC6655XA Datasheet
701Kb / 15P
   Digital Three-Axis Accelerometer
Rev A
logo
List of Unclassifed Man...
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3610 ETC2-MC3610 Datasheet
1Mb / 67P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
MC3410 ETC2-MC3410 Datasheet
1Mb / 75P
   Axis Accelerometer
MC3413 ETC2-MC3413 Datasheet
1Mb / 47P
   Axis Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com