Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX253DVM4 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCIMX253DVM4
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX253DVM4 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCIMX253DVM4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX253DVM4 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 132 page
background image
i.MX25 Applications Processor for Consumer and Industrial Products, Rev. 2
6
Freescale Semiconductor
EPIT(2)
Enhanced
periodic
interrupt timer
Timer
peripherals
Each enhanced periodic interrupt timer (EPIT) is a 32-bit set-and-forget timer
that starts counting after the EPIT is enabled by software. It is capable of
providing precise interrupts at regular intervals with minimal processor
intervention. It has a 12-bit prescaler to adjust the input clock frequency to
the required time setting for the interrupts, and the counter value can be
programmed on the fly.
ESAI
Enhanced
serial audio
interface
Connectivity
peripherals
ESAI provides a full-duplex serial port for serial communication with a variety
of serial devices, including industry-standard codecs, SPDIF transceivers,
and other DSPs. The ESAI consists of independent transmitter and receiver
sections, each section with its own clock generator.
eSDHC(2)
Enhanced
multimedia
card/
secure digital
host controller
Connectivity
peripherals
The features of the eSDHC module, when serving as host, include the
following:
• Conforms to the SD host controller standard specification version 2.0
• Compatible with the JEDEC MMC system specification version 4.2
• Compatible with the SD memory card specification version 2.0
• Compatible with the SDIO specification version 1.2
• Designed to work with SD memory, miniSD memory, SDIO, miniSDIO, SD
combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
—SD/SDIO 1-bit, 4-bit
—MMC 1-bit, 4-bit, 8-bit
• Full-/high-speed mode
• Host clock frequency variable between 32 kHz and 52 MHz
• Up to 200-Mbps data transfer for SD/SDIO cards using four parallel data
lines
• Up to 416-Mbps data transfer for MMC cards using eight parallel data lines
FEC
Fast ethernet
controller
Connectivity
peripherals
The Ethernet media access controller (MAC) is designed to support both 10-
and 100-Mbps Ethernet networks compliant with IEEE 802.3® standard. An
external transceiver interface and transceiver function are required to
complete the interface to the media
FlexCAN(2)
Controller
area network
module
Connectivity
peripherals
The controller area network (CAN) protocol is primarily designed to be used
as a vehicle serial data bus running at 1 MBps.
GPIO(4)
General
purpose I/O
modules
System control
peripherals
Used for general purpose input/output to external ICs. Each GPIO module
supports 32 bits of I/O.
GPT(4)
General
purpose
timers
Timer
peripherals
Each GPT is a 32-bit free-running or set-and-forget mode timer with
programmable prescaler and compare and capture register. A timer counter
value can be captured using an external event and can be configured to
trigger a capture event on either the leading or trailing edges of an input
pulse. When the timer is configured to operate in set-and-forget mode, it is
capable of providing precise interrupts at regular intervals with minimal
processor intervention. The counter has output compare logic to provide the
status and interrupt at comparison. This timer can be configured to run either
on an external clock or on an internal clock.
Table 2. i.MX25 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX253DVM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX253DVM4 FREESCALE-MCIMX253DVM4 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX253DVM4 FREESCALE-MCIMX253DVM4 Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
More results

Similar Description - MCIMX253DVM4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com