Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX25 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCIMX25
Description  i.MX25 Applications Processor for Consumer and Industrial Products
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX25 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCIMX25_09 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCIMX25_09 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: IMX25CEC
Rev. 2, 12/2009
MCIMX25
Package Information
Plastic package
Case 5284 17 x 17 mm, 0.8 mm Pitch
Ordering Information
See Table 1 on page 3 for ordering information.
© Freescale Semiconductor, Inc., 2009. All rights reserved.
1
Introduction
The i.MX25 multimedia applications processor has
the right mix of high performance, low power, and
integration to support the growing needs of the
industrial and general embedded markets.
At the core of the i.MX25 is Freescale's fast,
proven, power-efficient implementation of the
ARM926EJ-S core, with speeds of up to 400 MHz.
The i.MX25 includes support for up to 133-MHz
DDR2 memory, integrated 10/100 Ethernet MAC,
and two on-chip USB PHYs. The device is suitable
for a wide range of applications, including the
following:
Graphical remote controls
Human machine interface (HMI)
Residential and commercial control panels
Residential gateway (smart metering)
Handheld scanners and printers
i.MX25 Applications
Processor for Consumer
and Industrial Products
Silicon Version 1.1
1
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2.1
Special Signal Considerations . . . . . . . . . . . . . . . . . 8
3
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 10
3.1
i.MX25 Chip-Level Conditions . . . . . . . . . . . . . . . . 10
3.2
Supply Power-Up/Power-Down Requirements and
Restrictions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
3.3
Thermal Characteristics. . . . . . . . . . . . . . . . . . . . . 16
3.4
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 17
3.5
AC Electrical Characteristics . . . . . . . . . . . . . . . . . 22
3.6
Module Timing and Electrical Parameters . . . . . . . 40
4
Package Information and Contact Assignment . . . . . . . 121
4.1
400 MAPBGA—Case 17x17 mm, 0.8 mm Pitch . 121
4.2
Ground, Power, Sense, and Reference Contact
Assignments . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.3
Signal Contact Assignments—17x17mm,
0.8mm Pitch. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
4.4
i.MX25 Ball Map . . . . . . . . . . . . . . . . . . . . . . . . . 127
5
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129


Similar Part No. - MCIMX25_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX251AJM4 FREESCALE-MCIMX251AJM4 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX251AJM4 FREESCALE-MCIMX251AJM4 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX251AJM4 FREESCALE-MCIMX251AJM4 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
MCIMX251AJM4 NXP-MCIMX251AJM4 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
logo
Freescale Semiconductor...
MCIMX251AJM4A FREESCALE-MCIMX251AJM4A Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
More results

Similar Description - MCIMX25_09

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_1 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25_1004 FREESCALE-MCIMX25_1004 Datasheet
1Mb / 144P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX257DJM4A FREESCALE-MCIMX257DJM4A Datasheet
2Mb / 153P
   i.MX25 Applications Processor for Consumer and Industrial Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 134P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_11 Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
MCIMX25 FREESCALE-MCIMX25 Datasheet
2Mb / 132P
   i.MX25 Applications Processor for Automotive Products
logo
NXP Semiconductors
IMX25AEC NXP-IMX25AEC Datasheet
1Mb / 140P
   i.MX25 Applications Processor for Automotive Products
Rev. 10, 06/2013
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com