Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51AC256ACLKE Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MCF51AC256ACLKE
Description  ColdFire Microcontroller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51AC256ACLKE Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MCF51AC256ACLKE Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51AC256ACLKE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MCF51AC256
Rev.4, 9/2009
© Freescale Semiconductor, Inc., 2008-2009. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MCF51AC256
80 LQFP
14 mm
× 14 mm
64 LQFP
10 mm
× 10 mm
64 QFP
14 mm
× 14 mm
The MCF51AC256 series are members of the
ColdFire® family of 32-bit variable-length reduced
instruction set (RISC) microcontroller. This
document provides an overview of the
MCF51AC256 series, focusing on its highly
integrated and diverse feature set.
The MCF51AC256 series are based on the V1
ColdFire core and operates at processor core speeds
up to 50.33 MHz. As part of Freescale’s Controller
Continuum®, it is an ideal upgrade for designs
based on the MC9S08AC128 series of 8-bit
microcontrollers.
The MCF51AC256 features the following
functional units:
V1 ColdFire core with background debug
module
Up to 256 KB of flash memory
Up to 32 KB of static RAM (SRAM)
Up to two analog comparators (ACMP)
Analog-to-digital converter (ADC) with up
to 24 channels
Controller-area network (CAN)
Cyclic redundancy check (CRC)
Inter-integrated circuit (IIC)
Keyboard interrupt (KBI)
Multipurpose clock generator (MCG)
Rapid general-purpose input/output
(RGPIO)
Two serial communications interfaces (SCI)
Up to two serial peripheral interfaces (SPI)
Two flexible timer modules (FTM)
Timer pulse-width modulator (TPM)
MCF51AC256 Series
ColdFire Microcontroller
Covers:MCF51AC256A
MCF51AC256B
MCF51AC128A
MCF51AC128C


Similar Part No. - MCF51AC256ACLKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51AC256A FREESCALE-MCF51AC256A Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVFUE FREESCALE-MCF51AC256AVFUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVLKE FREESCALE-MCF51AC256AVLKE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
MCF51AC256AVPUE FREESCALE-MCF51AC256AVPUE Datasheet
1,013Kb / 46P
   MCF51AC256 ColdFire Microcontroller
More results

Similar Description - MCF51AC256ACLKE

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com