Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF523x Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MCF523x
Description  Integrated Microprocessor Hardware Specification
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF523x Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF523x Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF523x Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Design Recommendations
MCF523x Integrated Microprocessor Hardware Specification, Rev. 4
Freescale Semiconductor
9
5
Design Recommendations
5.1
Layout
Use a 4-layer printed circuit board with the VDD and GND pins connected directly to the power
and ground planes for the MCF523x.
See application note AN1259, System Design and Layout Techniques for Noise Reduction in
Processor-Based Systems.
Match the PC layout trace width and routing to match trace length to operating frequency and board
impedance. Add termination (series or therein) to the traces to dampen reflections. Increase the
PCB impedance (if possible) keeping the trace lengths balanced and short. Then do cross-talk
analysis to separate traces with significant parallelism or are otherwise "noisy". Use 6 mils trace
and separation. Clocks get extra separation and more precise balancing.
Test
TEST
I
18
F5
J4
J4
J4
PLL_TEST
I
—R14
R14
R14
Power Supplies
VDDPLL
I
87
M13
P15
VSSPLL
I
84
L14
R15
OVDD
I
1, 9, 17, 32,
41, 55, 62,
69, 81, 90,
95, 105, 114,
128, 132,
138, 146
E5, E7,
E10, F7, F9,
G6, G8, H7,
H8, H9, J6,
J8, J10, K5,
K6, K8
E6:11, F5, F7:10, F12, G5, G6, G11,
G12, H5, H6, H11, H12, J5, J6, J11,
J12, K5, K6, K11, K12, L5, L7:10,
L12, M6:M11
VSS
I
8, 16, 25, 31,
40, 54, 61,
67, 80, 88,
94, 104, 113,
127, 131,
137, 145,
153, 160
A1, A14,
E6, E9, F6,
F8, F10,
G7, G9, H6,
J5, J7, J9,
K7, P1, P14
A1, A16, E5, E12, F6, F11, F16,
G7:10, H7: 10, J1, J7:10, K7:10, L6,
L11, M5, M12, N16, T1, T6, T16
VDD
I
15, 53, 103,
144
D6, F11,
G4, L4
A8, G16, H1, T5
1 Refers to pin’s primary function. All pins which are configurable for GPIO have a pullup enabled in GPIO mode with the exception
of PBUSCTL[7], PBUSCTL[4:0], PADDR, PBS, PSDRAM.
2 If JTAG_EN is asserted, these pins default to Alternate 1 (JTAG) functionality. The GPIO module is not responsible for assigning
these pins.
Table 2. MCF523x Signal Information and Muxing (continued)
Signal Name
GPIO
Alternate 1 Alternate 2 Dir.1
MCF5232
160
QFP
MCF5232
196
MAPBGA
MCF5233
256
MAPBGA
MCF5234
256
MAPBGA
MCF5235
256
MAPBGA


Similar Part No. - MCF523x

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF523X FREESCALE-MCF523X Datasheet
1Mb / 44P
   DC Motor with Speed and Current Closed Loops, Driven by eTPU on
MCF523X FREESCALE-MCF523X Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF523X FREESCALE-MCF523X Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
More results

Similar Description - MCF523x

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5275 FREESCALE-MCF5275 Datasheet
1Mb / 44P
   Integrated Microprocessor Family Hardware Specification
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
logo
Freescale Semiconductor...
MPC7410 FREESCALE-MPC7410_1 Datasheet
865Kb / 56P
   RISC Microprocessor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com