Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK24-B-1 Datasheet(PDF) 1 Page - Meder Electronic

Part # MK24-B-1
Description  MK Reed Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

MK24-B-1 Datasheet(HTML) 1 Page - Meder Electronic

  MK24-B-1 Datasheet HTML 1Page - Meder Electronic MK24-B-1 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MK24-B-1
Item:
preliminary datasheet
| Email: salesasia@meder.com
9240000011
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Magnetic properties
Conditions
Min
Typ
Max
Unit
at 20°C
Pull-In
KMS-11
Test equipment
phys. caused tolerance +/- 0,1mT
Pull-In in milliTesla (modified conta
MS-150
Test equipment
Contact data 34
Conditions
Min
Typ
Max
Unit
Ruthenium
Contact-material
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage
DC or Peak AC
Switching current
!"# $%&' #$#'
Start Value
Contact resistance static
(
RH <45 %, 100 V test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage
Special Product Data
Conditions
Min
Typ
Max
Unit
epoxy resin
Housing material
Environmental data
Conditions
Min
Typ
Max
Unit
)
1/2 sine wave duration 11ms
Shock
)
*
from 10 - 2000 Hz
Vibration
+
Operating temperature
+
Storage temperature
fully sealed
Washability
Modifications in the sense of technical progress are reserved
12.11.08
THAUKE
THAUKE
2
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
12.11.08
Approval by:
Approval by:
Approval at:
Approval at:


Similar Part No. - MK24-B-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK24-B-1 MEDER-MK24-B-1 Datasheet
211Kb / 4P
   Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1 Datasheet
76Kb / 1P
   MK Reed Sensor
MK24-B-1 MEDER-MK24-B-1_10 Datasheet
300Kb / 4P
   Micro-Miniature Reed Sensors for SMD Mounting
MK24-B-1 MEDER-MK24-B-1_11 Datasheet
76Kb / 1P
   MK Reed Sensor
More results

Similar Description - MK24-B-1

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK02-0-1A66-1400W MEDER-MK02-0-1A66-1400W Datasheet
71Kb / 1P
   MK Reed Sensors
MK06-5-E MEDER-MK06-5-E Datasheet
66Kb / 1P
   MK Reed Sensors
MK06-8-B MEDER-MK06-8-B Datasheet
66Kb / 1P
   MK Reed Sensors
MK06-8-I MEDER-MK06-8-I Datasheet
66Kb / 1P
   MK Reed Sensors
MK02-1-1B90-1500W MEDER-MK02-1-1B90-1500W Datasheet
72Kb / 1P
   MK Reed Sensors
MK02-2-1B90-5000W MEDER-MK02-2-1B90-5000W Datasheet
72Kb / 1P
   MK Reed Sensors
MK06-5-C MEDER-MK06-5-C Datasheet
65Kb / 1P
   MK Reed Sensors
MK02-0-1A66-1000X MEDER-MK02-0-1A66-1000X Datasheet
72Kb / 1P
   MK Reed Sensors
MK02-0-1B90-500W MEDER-MK02-0-1B90-500W Datasheet
71Kb / 1P
   MK Reed Sensors
MK02-0-1C90-500W MEDER-MK02-0-1C90-500W Datasheet
72Kb / 1P
   MK Reed Sensors
MK09-1A66B MEDER-MK09-1A66B Datasheet
56Kb / 1P
   MK Reed Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com