Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C193KSKT-5A Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTST-C193KSKT-5A
Description  Property of Lite-On Only
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C193KSKT-5A Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTST-C193KSKT-5A Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 6Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 7Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 8Page - Lite-On Technology Corporation LTST-C193KSKT-5A Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LITE-ON
TECHNOLOGY
CORPORATION
P r o p e r t y o f L i t e - O n O n l y
Electrical
Optical
Characteristics
At
Ta= 25℃
Parameter
Symbol
Part No.
LTST-
Min.
Typ.
Max.
Unit
Test Condition
Luminous Intensity
IV
C193KSKT-5A
7.1
-
45.0
mcd
IF = 5mA
Note 1
Viewing Angle
2θ1/2
C193KSKT-5A
130
deg
Note 2 (Fig.6)
Peak Emission Wavelength
λP
C193KSKT-5A
591
nm
Measurement
@Peak (Fig.1)
Dominant Wavelength
λd
C193KSKT-5A
587.0
-
594.5
nm
IF = 5mA
Note 3
Spectral Line Half-Width
Δλ
C193KSKT-5A
15
nm
Forward Voltage
VF
C193KSKT-5A
1.7
-
2.3
V
IF = 5mA
Reverse Current
IR
C193KSKT-5A
10
μA
VR = 5V
Capacitance
C
C193KSKT-5A
40
PF
VF = 0
f = 1MHZ
Notes: 1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the
single wavelength which defines the color of the device.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or anti-electrostatic
glove when handling the LED. All devices, equipment and machinery must be properly grounded.
Part
No. : LTST-C193KSKT-5A
Page :
4
of
11
BNS-OD-C131/A4


Similar Part No. - LTST-C193KSKT-5A

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
LTST-C193KSKT-5A TO-GRACE-LTST-C193KSKT-5A Datasheet
746Kb / 11P
   Meet ROHS, Green Product.
More results

Similar Description - LTST-C193KSKT-5A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-852 TENAND-LTV-852 Datasheet
337Kb / 10P
   Property of LITE-ON Only
LTV-3120 TENAND-LTV-3120 Datasheet
478Kb / 18P
   Property of Lite-on Only
LTV-815 TENAND-LTV-815 Datasheet
412Kb / 13P
   Property of LITE-ON Only
logo
Lite-On Technology Corp...
LTW-020ZDCG5 LITEON-LTW-020ZDCG5 Datasheet
447Kb / 11P
   Property of Lite-On Only
LTH-306-18 LITEON-LTH-306-18 Datasheet
150Kb / 4P
   Property of Lite-On Only
LTH-306-64 LITEON-LTH-306-64 Datasheet
275Kb / 6P
   Property of Lite-On Only
LTH-326-02W2 LITEON-LTH-326-02W2 Datasheet
154Kb / 4P
   Property of Lite-On Only
LTH-860-P51W1 LITEON-LTH-860-P51W1 Datasheet
164Kb / 5P
   Property of Lite-On Only
LTV-733 LITEON-LTV-733 Datasheet
220Kb / 9P
   Property of LITE-ON Only
LTV-816-T LITEON-LTV-816-T Datasheet
271Kb / 10P
   Property of Lite-On Only
LTW-C230DC LITEON-LTW-C230DC Datasheet
591Kb / 10P
   Property of Lite-On Only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com