Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5002R-CMR Datasheet(PDF) 1 Page - Teridian Semiconductor Corporation

Part # 5002R-CMR
Description  Dual SCART A/V Switch
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5002R-CMR Datasheet(HTML) 1 Page - Teridian Semiconductor Corporation

  5002R-CMR Datasheet HTML 1Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 2Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 3Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 4Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 5Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 6Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 7Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 8Page - Teridian Semiconductor Corporation 5002R-CMR Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
AVPro® 5002R
Dual SCART A/V Switch
DATA SHEET
Page: 1 of 30
© 2005 TERIDIAN Semiconductor Corporation
Rev 2.1
SEPTEMBER 2008
DESCRIPTION
The AVPro® 5002R device is an audio/video switching
IC that supports an input/output port, an input only port,
and an output only port. The device includes
multiplexers that allow the inputs to be routed to the
outputs in various configurations. Additional outputs are
provided to drive an external RF modulator. The video
outputs of the multiplexers are buffered to drive 150Ω
loads. The audio outputs are buffered to provide 2
Vrms output. The 5002R has features optimized for
Canal+ satellite receiver applications, but it can also be
used in other applications that require control of
multiple audio and video sources.
FEATURES
• Two SCART connections (Auxiliary, TV)
• Video section
- Integrated output drivers
- RGB, SVHS, composite outputs
- Programmable RGB gain
• Audio section
- Dual mode volume control
0 or 6 dB gain, plus 0 to -63 dB attenuation (1 dB
step)
- Programmable gain on DAC input channels
• Serial port control of switching I2C bus
64-lead LQFP, 48 QFN package options
_____________________________________________
BLOCK DIAGRAM
Aux_Lin
Rin
Lin
TV_Rin
TV_Lin
Aux_Rin
Volume
Control
Mux
Rout
Lout
Aux_Mono
TV_Rout
TV_Lout
Aux_Rout
Aux_Lout
Serial
Port
SCLK
SDATA
Enc_B
Enc_G
Enc_R
Mux
Aux_YCout
Aux_B
Aux_G
Aux_R
Aux_YC
TV_B
TV_G
TV_R
TV_YCout
EBLANK
ABLANK
BLANK
Enc_YC
Enc_Y
Enc_C
Aux_Fnc
Other I/O
TV_Fnc
DO_0
DO_1
Mod_Mono
Support
Circuits
Tgen
Rbias
Vref
Enc2_Y
Enc2_C
TV_YCin
Aux_Cin
MOD_YC
Aux_Cout


Similar Part No. - 5002R-CMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5002 TI1-5002 Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
logo
Keystone Electronics Co...
5002 KEYSTONE-5002 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Intersil Corporation
5002 INTERSIL-5002 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
1Mb / 7P
   ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
5002 INTERSIL-5002 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
More results

Similar Description - 5002R-CMR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5002C-CGT ETC-5002C-CGT Datasheet
106Kb / 23P
   Dual SCART A/V Switch
logo
TDK Electronics
AVPRO5003 TDK-AVPRO5003 Datasheet
125Kb / 17P
   Triple SCART A/V Switch
logo
Maxim Integrated Produc...
MAX7457 MAXIM-MAX7457 Datasheet
62Kb / 3P
   Video Switch for Dual SCART Connectors
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
logo
Maxim Integrated Produc...
MAX4397 MAXIM-MAX4397 Datasheet
834Kb / 30P
   Audio/Video Switch For Dual SCART Connectors
Rev 0; 4/05
MAX4397 MAXIM-MAX4397_V01 Datasheet
452Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-3618; Rev 3; 5/07
MAX4397DA MAXIM-MAX4397DA Datasheet
428Kb / 30P
   Audio/Video Switch for Dual SCART Connectors
19-0645; Rev 1; 5/07
MAX9595 MAXIM-MAX9595 Datasheet
347Kb / 28P
   Audio/Video Switch for Dual SCART Connector
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com