Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5303B-CM Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 5303B-CM
Description  Universal 3-Input A/V Switch Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

5303B-CM Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  5303B-CM Datasheet HTML 1Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 2Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 3Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 4Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 5Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 6Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 7Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 8Page - Teridian Semiconductor Corporation 5303B-CM Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AVPro® 5303B
Universal 3-Input A/V Switch Interface
DATA SHEET
Page: 4 of 16
© 2005 TERIDIAN Semiconductor Corporation
Rev 1.0
SERIAL PORT REGISTER TABLES
Read register Device Address = 10010001 (10100001 when Dev_Addr = 0)
Function
Bits
Description
Not Used
xxxx0000
Not Used
Device ID Code
0010xxxx
This code identifies the device type as the 5303B.
Write Registers: Device Address = 10010000 (10100000 when Dev_Addr = 0). Bold indicates default setting.
Register 0: Signal Source Selection
Register 0:
Register 1: Audio/Video Gain Control
Function
Bits
Description
RBG Gain
xxxxxx00
2
xxxxxx01
1.8
xxxxxx10
1.6
xxxxxx11
1.4
Function
Bits
Description
CVBS Gain
xxxx00xx
2
Xxxx01xx
1.8
Xxxx10xx
1.6
Xxxx11xx
1.4
Function
Bits
Description
Audio Gain
xxx0xxxx
0 dB
xxx1xxxx
6 dB
Video Mode
Bits
Description
BLUE Chroma/Pr/Pb enable
xxxxxxx0
Blue input set for Chroma/Pr/Pb
xxxxxxx1
Blue input set for Y or Blue(DC Restore)
RED Chroma/Pr/Pb enable
xxxxxx0x
Red input set for Chroma/Pr/Pb
xxxxxx1x
Red input set for Y or Red(DC Restore)
FB_OUT set to 0V
xxxxx0xx
FB_OUT for normal operation
xxxxx1xx
FB_OUT SET TO 0V
GN_OUT set to 0V
xxxx0xxx
GN_OUT for normal operation
xxxx1xxx
GN_OUT SET TO 0V
Audio/FUNC Source Selection
Bits
ROUT
LOUT
FUNC_OUT
00xxxxxx
R1
L1
FUNC1
01xxxxxx
R2
L2
FUNC2
10xxxxxx
R3
L3
FUNC3
11xxxxxx
Not Used
Not Used
Not Used


Similar Part No. - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
5303 SUMIDA-5303 Datasheet
1Mb / 5P
   E-Series SMT Chip Inductors
logo
Murata Manufacturing Co...
53030C MURATA-53030C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
53030C MURATA-PS-53030C Datasheet
142Kb / 3P
   10A Current Sensing Transformers
2021
logo
Festo Corporation.
530320 FESTO-530320 Datasheet
93Kb / 1P
   Pressure regulator
3/17/22
530322 FESTO-530322 Datasheet
88Kb / 1P
   Pressure regulator
3/17/22
More results

Similar Description - 5303B-CM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
logo
SG Micro Corp
SGM9141 SGMICRO-SGM9141 Datasheet
303Kb / 10P
   3-Input Video Switch
logo
Unisonic Technologies
M4034 UTC-M4034_15 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
Texas Instruments
TPS54373PWPRG4 TI1-TPS54373PWPRG4 Datasheet
724Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS BUCK SWITCHER
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com