Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2352-IEL Datasheet(PDF) 4 Page - Teridian Semiconductor Corporation

Part # 78P2352-IEL
Description  Dual Channel OC-3/ STM1-E/ E4 LIU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2352-IEL Datasheet(HTML) 4 Page - Teridian Semiconductor Corporation

  78P2352-IEL Datasheet HTML 1Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 2Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 3Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 4Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 5Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2352-IEL Datasheet HTML 9Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
78P2352
Dual Channel
OC-3/ STM1-E/ E4 LIU
Page: 4 of 42
2006 Teridian Semiconductor Corporation
Rev. 2.4
FUNCTIONAL DESCRIPTION
The 78P2352 contains all the necessary transmit
and receive circuitry for connection between
139.264Mbps and 155.52Mbps line interfaces and
the digital universe. The chip is controllable through
pins or serial port register settings.
In hardware mode (pin control) the SPSL pin
must be low.
In software mode (SPSL pin high), control pins
are disabled and the 78P2352 must be
configured via the 4-wire serial port.
MODE SELECTION
The SDO_E4 pin or E4 register bit determines which
rate the device (both channels) operates in
according to the table below. This control, combined
with CKSL, also selects the global reference clock
frequency.
Rate
SDO_E4 pin
E4 bit
E4
High
1
STM-1, STS-3, OC-3
Low
0
The SEN_CMI pin or CMI register bit enables the
CMI encoder/decoder and selects one of two media
for reception and transmission: 75
Ω coaxial cable in
CMI mode or optical fiber in Fiber (NRZ) mode.
Independent channel operation for media type is
available with register controls only.
Media (coding)
SEN_CMI pin
CMI bit
75
Ω Coax (CMI)
High
1
Fiber (NRZ)
Low
0
The SDI_PAR pin or PAR register bit selects the
interface to the framer to be 4-bit parallel CMOS or
serial LVPECL.
For each interface there are
different transmit timing modes available. See
TRANSMITTER OPERATION section for more info.
REFERENCE CLOCK
The 78P2352 requires a reference clock supplied to
the CKREFP/N pins. This reference clock is used
for clock recovery in the Rx DLL and Tx DLL. It is
also used for transmit re-timing in the synchronous
transmit modes.
Refer to the TRANSMITTER
OPERATION section for timing requirements during
synchronous (re-timing) transmit modes.
For reference frequencies of 77.76MHz or lower, the
device accepts a single ended CMOS input at
CKREFP (with CKREFN grounded). For reference
frequencies of 139.264 or 155.52MHz, the device
accepts a differential LVPECL clock input at
CKREFP/N.
The frequency of this reference input is controlled by
the rate selection and the CKSL control pin or
register bit.
Reference Frequency
CKSL pin
SDO_E4 low
SDO_E4 high
Low
19.44MHz
17.408MHz
Float
77.76MHz
N/A
High
155.52MHz
139.264MHz
CKSL[1:0] bits
E4 bit = 0
E4 bit = 1
0 0
19.44MHz
17.408MHz
1 0
77.76MHz
N/A
1 1
155.52MHz
139.264MHz
RECEIVER OPERATION
The receiver accepts serial data, at 155.52Mbps or
139.264Mbps from the RXxP/N inputs. In CMI mode,
the input is differentially terminated with 75
Ω and
transformer-coupled to a coaxial connector. In Fiber
(NRZ) mode, the input is differentially terminated
with 100
Ω and AC-coupled to an optical transceiver
module. For board designs utilizing both coax and
fiber media options, an analog switch or mechanical
relay is required to switch between the different
terminations and media paths.
The CMI signal first enters an AGC and adaptive
equalizer
designed
to
overcome
inter-symbol
interference caused by long cable lengths.
The
variable gain differential amplifier automatically
controls the gain to maintain a constant voltage level
output regardless of the input voltage level. Note
that in Fiber (NRZ) mode, the input signals bypass
the adaptive equalizer.
The outputs of the data comparators are connected
to the clock recovery circuits. The clock recovery
system employs a Delay Locked Loop (DLL), which
uses a reference frequency derived from the clock
applied to the CKREFP/N pins.
In serial mode, the clock and data are decoded and
transmitted through the LVPECL drivers. In parallel
mode, the data is decoded and converted into four
bit parallel segments before being transmitted
through the CMOS drivers. Note that in Fiber (NRZ)
mode, the CMI decoder is bypassed.
Receiver Monitor Mode
In CMI mode, the SCK_MON pin or MONx register
bit enables the receiver’s monitor mode which adds
approximately 20dB of flat gain to the receive signal
before equalization. Rx Monitor Mode can handle
20dB of flat loss typical of monitoring points with up
to 6dB of cable loss.
Note that Loss of Signal
detection is disabled during Rx Monitor Mode.


Similar Part No. - 78P2352-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
More results

Similar Description - 78P2352-IEL

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
   E4/STM-1/OC-3 ATM TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
PCA ELECTRONICS INC.
EPR1624SE PCA-EPR1624SE Datasheet
39Kb / 1P
   E4/STM-1 Dual Line Interface Transformer
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com