Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2351R-IMR Datasheet(PDF) 10 Page - Teridian Semiconductor Corporation

Part # 78P2351R-IMR
Description  Serial 155M NRZ to CMI Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2351R-IMR Datasheet(HTML) 10 Page - Teridian Semiconductor Corporation

Back Button 78P2351R-IMR Datasheet HTML 6Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 10Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 12Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 13Page - Teridian Semiconductor Corporation 78P2351R-IMR Datasheet HTML 14Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
78P2351R
Serial 155M
NRZ to CMI Converter
Page: 10 of 31
2006 Teridian Semiconductor Corporation
Rev. 2.1
REGISTER DESCRIPTION (continued)
PORT-SPECIFIC REGISTERS
For PA[3:0] = 1 only. Accessing a register with port address greater than 1 constitutes an invalid command, and
the read/write operation will be ignored.
ADDRESS 1-0: MODE CONTROL REGISTER
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7
PDTX
R/W
0
Transmitter Power-Down:
0 : Normal Operation
1 : Power-Down. CMI Transmit output is tri-stated.
6
PDRX
R/W
0
Receiver Power-Down:
0 : Normal Operation
1 : Power-Down
5
--
R/W
0
Reserved.
4
SMOD[1]
R/W
X
3
SMOD[0]
R/W
X
Serial Mode Interface Selection:
SMOD[1] SMOD[0]
0
0
Reserved
1
0
Synchronous data is passed through the CDR and
then through the FIFO.
0
1
Plesiochronous data is passed through the CDR to
recover a clock, but the FIFO is bypassed because
the data is not synchronous with the reference clock.
1
1
Loop Timing Mode Enable: The recovered receive
clock is used as the reference for the transmit DLL
and FIFO.
Note: Default values depend on the CKMODE pin setting upon reset or
power up.
2
MON
R/W
0
Receive Monitor Mode Enable:
0: Normal Operation
1: Adds 20dB of flat gain to the receive signal before equalization.
1:0
--
R/W
01
Reserved.


Similar Part No. - 78P2351R-IMR

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
More results

Similar Description - 78P2351R-IMR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC706LC3C HITTITE-HMC706LC3C Datasheet
530Kb / 8P
   13 Gbps, NRZ-to-RZ CONVERTER, 3.3V SUPPLY
logo
Analog Devices
HMC706LC3C AD-HMC706LC3C Datasheet
389Kb / 8P
   NRZ-to-RZ data type conversion
logo
Taiwan Memory Technolog...
I7230N TMT-I7230N Datasheet
85Kb / 1P
   i7230N 155M to 4.25Gbps LD Driver
logo
Asahi Kasei Microsystem...
AK2048D AKM-AK2048D Datasheet
88Kb / 16P
   2M CMI Transceiver
logo
Supertex, Inc
HV507PG-G SUTEX-HV507PG-G Datasheet
471Kb / 6P
   64-Channel Serial to Parallel Converter 64-Channel Serial to Parallel Converter
logo
Allegro MicroSystems
PG001M ALLEGRO-PG001M Datasheet
179Kb / 12P
   PARALLEL-TO-SERIAL DATA CONVERTER
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
List of Unclassifed Man...
FTM-8001C-S ETC-FTM-8001C-S Datasheet
251Kb / 9P
   155M 850nm SFP Transceiver
logo
Micrel Semiconductor
SY10E445 MICREL-SY10E445 Datasheet
92Kb / 8P
   4-BIT SERIAL-to-PARALLEL CONVERTER
SY10E446 MICREL-SY10E446 Datasheet
85Kb / 9P
   4-BIT PARALLEL-TO-SERIAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com