Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78P2352 Datasheet(PDF) 11 Page - Teridian Semiconductor Corporation

Part # 78P2352
Description  Dual Channel OC-3/ STM1-E/ E4 LIU
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TERIDIAN [Teridian Semiconductor Corporation]
Direct Link  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation

78P2352 Datasheet(HTML) 11 Page - Teridian Semiconductor Corporation

Back Button 78P2352 Datasheet HTML 7Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 8Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 9Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 10Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 11Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 12Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 13Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 14Page - Teridian Semiconductor Corporation 78P2352 Datasheet HTML 15Page - Teridian Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
78P2352
Dual Channel
OC-3/ STM1-E/ E4 LIU
Page: 11 of 42
2006 Teridian Semiconductor Corporation
Rev. 2.4
REGISTER DESCRIPTION (CONTINUED)
ADDRESS 0-1: INTERRUPT CONTROL REGISTER
This register selects the events that would cause the interrupt pins to be activated. User may set as many bits as
required.
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7
INPOL
R/W
0
Interrupt Pin Polarity Selection:
0 : Interrupt output is active-low (default)
1 : Interrupt output is active-high
6:2
--
R/W
01000
Reserved for future use
1
MTLOL
R/W
1
TXLOL Error Mask (active low):
Gates the TXLOL register bit to the INTTXxB interrupt pin.
0: Mask
1: Pass
0
MFERR
R/W
1
FIERR Error Mask (active low):
Gates the respective FIERR register bit to the INTTXxB interrupt pin.
0: Mask
1: Pass
ADDRESS 0-2: RESERVED
BIT
NAME
TYPE
DFLT
VALUE
DESCRIPTION
7:0
--
R/W
XXXXXXX0
Reserved.


Similar Part No. - 78P2352

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT TERIDIAN-78P2351-IGT Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGT/F TERIDIAN-78P2351-IGT/F Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351-IGTR TERIDIAN-78P2351-IGTR Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
78P2351R TERIDIAN-78P2351R Datasheet
578Kb / 31P
   Serial 155M NRZ to CMI Converter
More results

Similar Description - 78P2352

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
78P2351 TERIDIAN-78P2351 Datasheet
742Kb / 42P
   Single Channel OC-3/ STM1-E/ E4 LIU
logo
Applied Micro Circuits ...
S3031B AMCC-S3031B Datasheet
244Kb / 26P
   E4/STM-1/OC-3 ATM TRANSCEIVER
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
Maxim Integrated Produc...
DS2196 MAXIM-DS2196 Datasheet
739Kb / 157P
   T1 Dual Framer LIU
093002
logo
Dallas Semiconductor
DS2196 DALLAS-DS2196 Datasheet
734Kb / 157P
   T1 Dual Framer LIU
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
   SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
PCA ELECTRONICS INC.
EPR1624SE PCA-EPR1624SE Datasheet
39Kb / 1P
   E4/STM-1 Dual Line Interface Transformer
logo
Source Photonics, Inc.
SP-03-MX-CDA SOURCE-SP-03-MX-CDA Datasheet
616Kb / 7P
   OC-3 SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com